Electronic Components Datasheet Search
  English  ▼

X  

AD835AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD835AR
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835AR Datasheet(HTML) 5 Page - Analog Devices

  AD835AR Datasheet HTML 1Page - Analog Devices AD835AR Datasheet HTML 2Page - Analog Devices AD835AR Datasheet HTML 3Page - Analog Devices AD835AR Datasheet HTML 4Page - Analog Devices AD835AR Datasheet HTML 5Page - Analog Devices AD835AR Datasheet HTML 6Page - Analog Devices AD835AR Datasheet HTML 7Page - Analog Devices AD835AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD835
REV. A
–5–
Figure 16. Fixed IF vs. LO Frequency on Y Channel
Figure 12. Harmonic Distortion at 100 MHz, 10 dBm Input
to X or Y Channel, R
L = 150 Ω, CL ≤ 5 pF
Figure 15. Fixed LO on Y Channel vs. RF Frequency
Input to X Channel
50MHz
100MHz
150MHz
10dB/DIV
15
–15
–10
0
5
10
–5
125
–35
–55
45
25
5
–15
105
85
65
TEMPERATURE –
°C
OUTPUT VOS DRIFT, NORMALIZED TO 0 AT 25°C
OUTPUT OFFSET DRIFT WILL
TYPICALLY BE WITHIN SHADED AREA
Figure 14. V
OS Output Drift vs. Temperature
Figure 11. Harmonic Distortion at 50 MHz, 10 dBm Input
to X or Y Channel, R
L = 150 Ω, CL ≤ 5 pF
100MHz
200MHz
300MHz
10dB/DIV
1V
10ns
+2.5V
GND
–2.5V
Figure 13. Maximum Output Voltage Swing, R
L = 50 Ω,
C
L ≤ 5 pF
35
0
15
5
10
20
25
30
200
20
0
180
160
80
60
40
140
120
100
LO FREQUENCY ON Y CH – MHz
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω
35
0
15
5
10
20
25
30
200
20
0
180
160
80
60
40
140
120
100
RF FREQUENCY INPUT X CHANNEL – MHz
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com