Electronic Components Datasheet Search
  English  ▼

X  

AD835AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD835AR
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835AR Datasheet(HTML) 8 Page - Analog Devices

  AD835AR Datasheet HTML 1Page - Analog Devices AD835AR Datasheet HTML 2Page - Analog Devices AD835AR Datasheet HTML 3Page - Analog Devices AD835AR Datasheet HTML 4Page - Analog Devices AD835AR Datasheet HTML 5Page - Analog Devices AD835AR Datasheet HTML 6Page - Analog Devices AD835AR Datasheet HTML 7Page - Analog Devices AD835AR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD835
REV. A
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP
(N Package)
8-Pin Plastic SOIC
(R Package)
PIN 1
0.280 (7.11)
0.240 (6.10)
4
5
8
1
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.130
(3.30)
MIN
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.430 (10.92)
0.348 (8.84)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
0.022 (0.558)
0.014 (0.356)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
4
5
1
8
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0098 (0.25)
0.0040 (0.10)
0.1968 (5.00)
0.1890 (4.80)
0.102 (2.59)
0.094 (2.39)
0.0500
(1.27)
BSC
0.0192 (0.49)
0.0138 (0.35)
Figure 22 shows a frequency doubler which overcomes this limi-
tation and provides a relatively constant output over a moder-
ately wide frequency range, determined by the time-constant C1
and R1. The voltage applied to the X- and Y-inputs are exactly
in quadrature at a frequency f = 1/2
πC1R1 and their ampli-
tudes are equal. At higher frequencies, the X-input becomes
smaller while the Y-input increases in amplitude; the opposite
happens at lower frequencies. The result is a double frequency
output, centered on ground, whose amplitude of 1 V for a 1 V
input varies by only 0.5% over a frequency range of
±10%. Be-
cause there is no “squared” dc component at the output, sud-
den changes in the input amplitude do not cause a “bounce” in
the dc level.
Figure 22. Broadband “Zero-Bounce” Frequency Doubler
This circuit is based on the identity
cos
θ sinθ= 1
2
sin 2
θ
( 7)
At
ω
O = 1/C1R1, the X input leads the input signal by 45° (and
is attenuated by
√2, while the Y input lags the input signal by
45
°, and is also attenuated by √2. Since the X and Y inputs are
90
° out of phase, the response of the circuit will be
W
= 1
U
E
2
( sin
ωt –45° ) E
2
( sin
ωt + 45° ) = E
2
2U
( sin 2
ωt) (8)
which has no dc component, R2 and R3 are included to restore
the output to 1 V for an input amplitude of 1 V (the same gain
adjustment as mentioned earlier). Because the voltage across the
capacitor, C1, decreases with frequency, while that across the
resistor, R1, increases, the amplitude of the output varies only
slightly with frequency. In fact, it is only 0.5% below its full
value (at its center frequency
ωΟ = 1/C1R1) at 90% and 110%
of this frequency.
R1
R3
301
Ω
VOLTAGE
OUTPUT
X1
X2
VP
W
Z
VN
Y2
Y1
X1
AD835
+5V
–5V
R2
97.6
Ω
3
4
2
1
5
6
7
8
C1
VG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com