Electronic Components Datasheet Search
  English  ▼

X  

AD8361 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8361
Description  LF to 2.5 GHz TruPwr??Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361 Datasheet(HTML) 1 Page - Analog Devices

  AD8361 Datasheet HTML 1Page - Analog Devices AD8361 Datasheet HTML 2Page - Analog Devices AD8361 Datasheet HTML 3Page - Analog Devices AD8361 Datasheet HTML 4Page - Analog Devices AD8361 Datasheet HTML 5Page - Analog Devices AD8361 Datasheet HTML 6Page - Analog Devices AD8361 Datasheet HTML 7Page - Analog Devices AD8361 Datasheet HTML 8Page - Analog Devices AD8361 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8361
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
LF to 2.5 GHz
TruPwr™ Detector
FUNCTIONAL BLOCK DIAGRAMS
micro_SOIC
RFIN
IREF
PWDN
VPOS
FLTR
SREF
VRMS
COMM
BAND-GAP
REFERENCE
ERROR
AMP
2
2
AD8361
INTERNAL FILTER
ADD
OFFSET
TRANS-
CONDUCTANCE
CELLS
i
i
7.5
BUFFER
SOT-23-6L
RFIN
PWDN
VPOS
FLTR
VRMS
COMM
BAND-GAP
REFERENCE
2
2
AD8361
INTERNAL FILTER
TRANS-
CONDUCTANCE
CELLS
i
i
ERROR
AMP
7.5
BUFFER
FEATURES
Calibrated RMS Response
Excellent Temperature Stability
Up to 30 dB Input Range at 2.5 GHz
700 mV rms, 10 dBm re 50
Maximum Input
0.25 dB Linear Response Up to 2.5 GHz
Single Supply Operation: 2.7 V to 5.5 V
Low Power: 3.3 mW at 3 V Supply
Rapid Power-Down to Less than 1
A
APPLICATIONS
Measurement of CDMA, W-CDMA, QAM, Other
Complex Modulation Waveforms
RF Transmitter or Receiver Power Measurement
PRODUCT DESCRIPTION
The AD8361 is a mean-responding power detector for use in high-
frequency receiver and transmitter signal chains, up to 2.5 GHz.
It is very easy to apply. It requires only a single supply between
2.7 V and 5.5 V, power supply decoupling capacitor and an
input coupling capacitor in most applications. The output is a
linear-responding dc voltage with a conversion gain of 7.5 V/V rms.
An external filter capacitor can be added to increase the averag-
ing time constant.
RFIN – V rms
3.0
1.6
0
0.5
0.1
0.2
0.3
0.4
2.6
2.2
2.0
1.8
2.8
2.4
1.4
1.2
1.0
0.6
0.8
0.4
0.2
0.0
SUPPLY
REFERENCE MODE
INTERNAL
REFERENCE MODE
GROUND
REFERENCE MODE
Figure 1. Output in the Three Reference Modes, Supply 3 V,
Frequency 1.9 GHz (SOT-23-6L Package Ground Reference
Mode Only)
TruPwr is a trademark of Analog Devices, Inc.
The AD8361 is intended for true power measurement of simple
and complex waveforms. The device is particularly useful for
measuring high crest-factor (high peak-to-rms ratio) signals, such
as CDMA and W-CDMA.
The AD8361 has three operating modes to accommodate a
variety of analog-to-digital converter requirements:
1. Ground referenced mode, in which the origin is zero;
2. Internal reference mode, which offsets the output 350 mV
above ground;
3. Supply reference mode, which offsets the output to VS/7.5.
The AD8361 is specified for operation from –40
°C to +85°C and
is available in 8-lead micro_SOIC and 6-lead SOT packages.
It is fabricated on a proprietary high fT silicon bipolar process.


Similar Part No. - AD8361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361 AD-AD8361 Datasheet
502Kb / 22P
LF to 2.5 GHz TruPwr Detector
7/15-Rev. E to Rev. F
AD8361-EVAL AD-AD8361-EVAL Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361-EVAL AD-AD8361-EVAL Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8361-EVALZ AD-AD8361-EVALZ Datasheet
502Kb / 22P
LF to 2.5 GHz TruPwr Detector
7/15-Rev. E to Rev. F
More results

Similar Description - AD8361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8364 AD-AD8364 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr Detector
REV. C
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
LF to 2.5 GHz TruPwr Detector
7/15-Rev. E to Rev. F
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com