Electronic Components Datasheet Search
  English  ▼

X  

AD8361 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8361
Description  LF to 2.5 GHz TruPwr??Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8361 Datasheet HTML 6Page - Analog Devices AD8361 Datasheet HTML 7Page - Analog Devices AD8361 Datasheet HTML 8Page - Analog Devices AD8361 Datasheet HTML 9Page - Analog Devices AD8361 Datasheet HTML 10Page - Analog Devices AD8361 Datasheet HTML 11Page - Analog Devices AD8361 Datasheet HTML 12Page - Analog Devices AD8361 Datasheet HTML 13Page - Analog Devices AD8361 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8361
–10–
REV. A
With the 100 pF capacitor shown in Figures 32–34, the high-
pass corner frequency is about 8 MHz.
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
CC
100pF
R1
75
CFLTR
1
2
3
45
6
7
8
0.01 F
100pF
+VS 2.7 – 5.5V
RFIN
V rms
Figure 32. Basic Connections for Ground Referenced Mode
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
CC
100pF
R1
75
CFLTR
1
2
3
45
6
7
8
0.01 F
100pF
+VS 2.7 – 5.5V
RFIN
V rms
Figure 33. Basic Connections for Internal Reference Mode
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
CC
100pF
R1
75
CFLTR
1
2
3
45
6
7
8
0.01 F
100pF
+VS 2.7 – 5.5V
RFIN
V rms
Figure 34. Basic Connections for Supply Referenced Mode
The output voltage is nominally 7.5 times the input rms voltage
(a conversion gain of 7.5 V/V rms). Three different modes of
operation are set by the pins SREF and IREF. In addition to the
ground referenced mode shown in Figure 32, where the output
voltage swings from around near ground to 4.9 V on a 5.0 V
supply, two additional modes allow an offset voltage to be added to
the output. In the internal reference mode, (Figure 33), the
output voltage swing is shifted upward by an internal reference
voltage of 350 mV. In supply referenced mode (Figure 34), an
offset voltage of VS/7.5 is added to the output voltage. Table I
summarizes the connections, output transfer function and mini-
mum output voltage (i.e., zero signal) for each mode.
Output Swing
Figure 35 shows the output swing of the AD8361 for a 5 V supply
voltage for each of the three modes. It is clear from Figure 35,
that operating the device in either internal reference mode or
supply referenced mode, will reduce the effective dynamic range as
the output headroom decreases. The response for lower supply
voltages is similar (in the supply referenced mode, the offset is
smaller), but the dynamic range will be reduced further, as head-
room decreases. Figure 36 shows the response of the AD8361 to
a CW input for various supply voltages.
INPUT – V rms
5.0
4.5
0.0
0
0.5
0.1
0.2
0.3
0.4
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
SUPPLY REF
INTERNAL REF
GROUND REF
0.6
0.7
0.8
Figure 35. Output Swing for Ground, Internal and Supply
Referenced Mode. VPOS = 5 V (micro_SOIC Only)
INPUT – V rms
5.5
1.5
0
0.5
0.1
0.2
0.3
0.4
4.0
3.0
2.5
2.0
5.0
4.5
3.5
1.0
0.5
0.0
5.5V
5.0V
3.0V
2.7V
0.6
0.7
0.8
Figure 36. Output Swing for Supply Voltages of 2.7 V,
3.0 V, 5.0 V and 5.5 V (micro_SOIC Only)
Dynamic Range
Because the AD8361 is a linear responding device with a nomi-
nal transfer function of 7.5 V/V rms, the dynamic range in dB is
not clear from plots such as Figure 35. As the input level is
increased in constant dB steps, the output step size (per dB)
will also increase. Figure 37 shows the relationship between the
output step size (i.e., mV/dB) and input voltage for a nominal
transfer function of 7.5 V/V rms.
Table I. Connections and Nominal Transfer Function for
Ground, Internal, and Supply Reference Modes
Output
Reference
Intercept
Mode
IREF
SREF
(No Signal)
Output
Ground
VPOS
COMM
Zero
7.5 VIN
Internal
OPEN
COMM
0.350 V
7.5 VIN + 0.350 V
Supply
VPOS
VPOS
VS/7.5
7.5 VIN + VS/7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com