Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 5 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 5 Page - Analog Devices

  AD844 Datasheet HTML 1Page - Analog Devices AD844 Datasheet HTML 2Page - Analog Devices AD844 Datasheet HTML 3Page - Analog Devices AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD844
REV. C
–5–
Figure 10. Inverting Amplifier,
Gain of –1 (R1 = R2)
Figure 12. Phase vs. Frequency
Gain = –1, RL = 500 Ω, CL = 0 pF
Figure 11. Gain vs. Frequency for
Gain = –1, RL = 500 Ω, CL = 0 pF
Figure 13. Large Signal Pulse
Response, Gain = –1, R1 = R2 = 1 k
Ω
Figure 14. Small Signal Pulse
Response, Gain = –1, R1 = R2 = 1 k
Ω
Inverting Gain of 1 AC Characteristics
Inverting Gain of 10 AC Characteristics
Figure 17. Phase vs. Frequency,
Gain = –10
Figure 16. Gain vs. Frequency,
Gain = –10
Figure 15. Gain of –10 Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com