Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 11 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices AD844 Datasheet HTML 10Page - Analog Devices AD844 Datasheet HTML 11Page - Analog Devices AD844 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Video Cable Driver Using
±5 Volt Supplies
The AD844 can be used to drive low impedance cables. Using
±5 V supplies, a 100 Ω load can be driven to ±2.5 V with low
distortion. Figure 35a shows an illustrative application which
provides a noninverting gain of 2, allowing the cable to be
reverse-terminated while delivering an overall gain of +1 to the
Figure 35a. The AD844 as a Cable Driver
Figure 35c. Differential Phase for the Circuit of Figure 35a
load. The –3 dB bandwidth of this circuit is typically 30 MHz.
Figure 35b shows a differential gain and phase test setup. In
video applications, differential-phase and differential-gain
characteristics are often important. Figure 35c shows the varia-
tion in phase as the load voltage varies. Figure 35d shows the
gain variation.
Figure 35b. Differential Gain/Phase Test Setup
Figure 35d. Differential Gain for the Circuit of Figure 35a
Applications–AD844
REV. C
–11–
High Speed DAC Buffer
The AD844 performs very well in applications requiring
current-to-voltage conversion. Figure 36 shows connections for
use with the AD568 current output DAC. In this application
the bipolar offset is used so that the full-scale current is
± 5.12 mA, which generates an output of ±5.12 V using the
1 k
Ω application resistor on the AD568. Figure 37 shows the
full-scale transient response. Care is needed in power supply
Figure 36. High Speed DAC Amplifier
decoupling and grounding techniques to achieve the full 12-bit
accuracy and realize the fast settling capabilities of the system.
The unmarked capacitors in this figure are 0.1
µF ceramic (for
example, AVX Type SR305C104KAA), and the ferrite induc-
tors should be about 2.5
µH (for example, Fair-Rite Type
2743002122). The AD568 data sheet should be consulted for
more complete details about its use.
Figure 37. DAC Amplifier Full-Scale Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com