Electronic Components Datasheet Search
  English  ▼

X  

AD844JR Datasheet(PDF) 12 Page - Analog Devices

Part # AD844JR
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844JR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD844JR Datasheet HTML 4Page - Analog Devices AD844JR Datasheet HTML 5Page - Analog Devices AD844JR Datasheet HTML 6Page - Analog Devices AD844JR Datasheet HTML 7Page - Analog Devices AD844JR Datasheet HTML 8Page - Analog Devices AD844JR Datasheet HTML 9Page - Analog Devices AD844JR Datasheet HTML 10Page - Analog Devices AD844JR Datasheet HTML 11Page - Analog Devices AD844JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD844
REV. C
–12–
20 MHz Variable Gain Amplifier
The AD844 is an excellent choice as an output amplifier for the
AD539 multiplier, in all of its connection modes. (See AD539
data sheet for full details.) Figure 38 shows a simple multiplier
providing the output:
V
W = –
V
X VY
2 V
where VX is the “gain control” input, a positive voltage of from
0 V to +3.2 V (max) and VY is the “signal voltage”, nominally
±2 V FS but capable of operation up to ±4.2 V. The peak out-
put in this configuration is thus
±6.7 V. Using all four of the
internal application resistors provided on the AD539 in parallel
results in a feedback resistance of 1.5 k
Ω, at which value the
bandwidth of the AD844 is about 22 MHz, and is essentially in-
dependent of VX. The gain at VX = 3.16 V is +4 dB.
Figure 39 shows the small signal response for a 50 dB gain con-
trol range (VX = +10 mV to +3.16 V). At small values of VX,
capacitive feedthrough on the PC board becomes troublesome,
and very careful layout techniques are needed to minimize this
problem. A ground strip between the pins of the AD539 will be
helpful in this regard. Figure 40 shows the response to a 2 V
pulse on VY for VX = +1 V, +2 V and +3 V. For these results, a
load resistor of 500
Ω was used and the supplies were ±9 V.
The multiplier will operate from supplies between
±4.5 V and
±16.5 V.
Disconnecting Pins 9 and 16 on the AD539 alters the denomi-
nator in the above expression to 1 V, and the bandwidth will be
approximately 10 MHz, with a maximum gain of 10 dB. Using
only Pin 9 or Pin 16 results in a denominator of 0.5 V, a band-
width of 5 MHz and a maximum gain of 16 dB.
Figure 38. 20 MHz VGA Using the AD539
Figure 39. VGA AC Response
Figure 40. VGA Transient
Response with VX = 1 V, 2 V, and 3 V
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Q) Package
Mini-DIP (N) Package
16-Pin SOIC (R) Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com