Electronic Components Datasheet Search
  English  ▼

X  

AD844JR Datasheet(PDF) 3 Page - Analog Devices

Part # AD844JR
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844JR Datasheet(HTML) 3 Page - Analog Devices

  AD844JR Datasheet HTML 1Page - Analog Devices AD844JR Datasheet HTML 2Page - Analog Devices AD844JR Datasheet HTML 3Page - Analog Devices AD844JR Datasheet HTML 4Page - Analog Devices AD844JR Datasheet HTML 5Page - Analog Devices AD844JR Datasheet HTML 6Page - Analog Devices AD844JR Datasheet HTML 7Page - Analog Devices AD844JR Datasheet HTML 8Page - Analog Devices AD844JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT SLEW RATE
Overdriven
Input
1200
2000
1200
2000
1200 2000
V/
µs
FULL POWER BANDWIDTH
VOUT = 20 V p-p
5
VS = ± 15 V
20
20
20
MHz
VOUT = 2 V p-p
5
VS = ± 5 V
20
20
20
MHz
THD = 3%
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500 Ω
10
11
10
11
10
11
±V
Short Circuit Current
80
80
80
mA
TMIN–TMAX
60
60
60
mA
Output Resistance
Open Loop
15
15
15
Ω
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
+4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN–TMAX
7.5
8.5
7.5
8.5
8.5
9.5
mA
NOTES
1Rated performance after a 5 minute warmup at T
A = 25°C.
2Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. R
L= 100 Ω; R1, R2 = 300 Ω.
3Input signal 0 dBm, C
L = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 500 Ω in Figure 26.
4Input signal 0 dBm, C
L =10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 26.
5C
L = 10 pF, RL = 500 Ω, R1 = 1 kΩ, R2 = 1 kΩ in Figure 26.
6C
L = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 26.
Specifications subject to change without notice. All min and max specifications are guaranteed.
Specifications shown in boldface are tested on all production units at final electrical test.
AD844
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Inverting Input Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Storage Temperature Range (Q) . . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device
reliability.
228-Pin Plastic Package:
θ
JA = 100°C/Watt
8-Pin Cerdip Package:
θ
JA = 110°C/Watt
16-Pin SOIC Package:
θ
JA = 100°C/Watt
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimension shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD844JR
0
°C to +70°C
R-16
AD844JR-REEL
0
°C to +70°C
Tape and Reel
AD844AN
–40
°C to +85°C
N-8
AD844AQ
–40
°C to +85°C
Q-8
AD844BQ
–40
°C to +85°C
Q-8
AD844SQ
–55
°C to +125°C
Q-8
AD844SQ/883B
–55
°C to +125°C
Q-8
5962-8964401PA
–55
°C to +125°C
Q-8
AD844A Chips
–40
°C to +85°C
Die
AD844S Chips
–55
°C to +125°C
Die
*N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com