Electronic Components Datasheet Search
  English  ▼

X  

AD846 Datasheet(PDF) 9 Page - Analog Devices

Part # AD846
Description  450 V/us, Precision, Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD846 Datasheet HTML 4Page - Analog Devices AD846 Datasheet HTML 5Page - Analog Devices AD846 Datasheet HTML 6Page - Analog Devices AD846 Datasheet HTML 7Page - Analog Devices AD846 Datasheet HTML 8Page - Analog Devices AD846 Datasheet HTML 9Page - Analog Devices AD846 Datasheet HTML 10Page - Analog Devices AD846 Datasheet HTML 11Page - Analog Devices AD846 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. C
AD846
–9–
Figure 39. AD846 Three-Terminal Model
Figure 40. Op Amp Three-Terminal Model
A more detailed examination of the closed-loop transfer func-
tion of the AD846 results in the following equation:
Closed-Loop Gain G(s) =
−R
F
RS
1
+ C
COMP
RF
+ 1+
RF
RS


RIN
s
Compare this to the equation for a conventional op amp:
Closed-Loop Gain G(s) =
−R
F
RS
1
+
CCOMP
gM
1
+
RF
RS


s


where: CCOMP is the internal compensation capacitor of the am-
plifier; gM is the input stage transconductance of the amplifier.
In the case of the voltage amplifier, the closed-loop bandwidth
decreases directly with increasing values of (1 + RF/RS), the
closed-loop gain. However, for the transimpedance amplifier,
the situation is different. At low gains, where (1 + RF/RS) RIN is
small compared to RF, the closed-loop bandwidth is controlled
by the internal compensation capacitance of 7 pF and the value
of RF, and not by the closed-loop gain. At higher gains, where (1
+ RF/RS) RIN is much larger than RF, the behavior is that of a con-
ventional operational amplifier in which the input stage transcon-
ductance is equal to the inverting terminal input impedance of
the transimpedance amplifier (RIN = 50
Ω).
A simple equation can, therefore, be used to determine the band-
width of an amplifier employing the AD846 in the inverting
configuration.
3 dB Bandwidth
=
23
R
F + 0.05 1 + G
()
where: The 3 dB bandwidth is in MHz
G is the closed-loop inverting gain of the AD846
RF is the feedback resistance in k
Ω.
NOTE: This equation applies only for values of RF between
10 k
Ω and 100 kΩ, and for RLOAD greater than 500 Ω. For RF =
1 k
Ω the bandwidth should be estimated from Figure 41.
Figure 41 illustrates the closed-loop voltage gain vs. frequency
of the AD846 for various values of feedback resistor. For com-
parison purposes, the characteristic of a conventional amplifier
having an 80 MHz unity gain bandwidth is also shown.
Figure 41. Closed-Loop Voltage Gain vs. Bandwidth for
Various Values of RF
For the case where RF = 1 k
Ω and RS = 100 Ω (closed-loop gain
of –10), the closed-loop bandwidth is approximately 28 MHz. It
should also be noted that the use of a capacitor to shunt RF, a
normal practice for stabilizing conventional op amps, will cause
this amplifier to become unstable because the closed-loop band-
width will increase beyond the stable operating frequency.
A similar approach can be taken to calculate the noise perfor-
mance of the amplifier. A simplified noise model is shown in
Figure 42.
The equivalent mean-square output noise voltage spectral den-
sity will equal:
VON
2 = R
F I NN
()2 + 1+ RF
RS


2
[VN
2 + R
P INP
()2 +4 kT R
P ]
+ 4 kT R
F
RF
RS
+1





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com