Electronic Components Datasheet Search
  English  ▼

X  

AD846 Datasheet(PDF) 3 Page - Analog Devices

Part # AD846
Description  450 V/us, Precision, Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846 Datasheet(HTML) 3 Page - Analog Devices

  AD846 Datasheet HTML 1Page - Analog Devices AD846 Datasheet HTML 2Page - Analog Devices AD846 Datasheet HTML 3Page - Analog Devices AD846 Datasheet HTML 4Page - Analog Devices AD846 Datasheet HTML 5Page - Analog Devices AD846 Datasheet HTML 6Page - Analog Devices AD846 Datasheet HTML 7Page - Analog Devices AD846 Datasheet HTML 8Page - Analog Devices AD846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
–3–
AD846
ORDERING GUIDE
Package
Model1
Temperature Range
Option2
AD846AN
–40
°C to +85°C
N-8
AD846BN
–40
°C to +85°C
N-8
AD846AQ
–40
°C to +85°C
Q-8
AD846BQ
–40
°C to +85°C
Q-8
AD846SQ
–55
°C to +125°C
Q-8
AD846SQ/883B
–55
°C to +125°C
Q-8
5962-8964601PA
–55
°C to +125°C
Q-8
AD846AR-16
–40
°C to +85°C
R-16
AD846AR-16-REEL
–40
°C to +85°C
R-16
NOTES
1“A” and “S” grade chips are also available.
2N = Plastic DIP Package; Q = Cerdip Package, R = SOIC Package
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Consult factory for latest dimensions.
AD846A
AD846B
AD846S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DIFFERENTIAL GAIN
F = 4.4 MHz, RL = 100
Ω
0.01
0.01
0.01
%
DIFFERENTIAL PHASE
F = 4.4 MHz, RL = 100
Ω
0.028
0.028
0.028
Degrees
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
±5
18
±5
18
5
18
V
Quiescent Current
TMIN –TMAX
5
6.5
5
6.5
5
7
mA
TRANSISTOR COUNT
72
72
72
NOTES
1Input Offset Voltage Specifications are guaranteed after 5 minutes at T
A = +25
°C.
2Test Conditions: +V
S = 15 V, –VS = 5 V to 18 V and +VS = 5 V to 18 V, –VS = 15 V.
3Bias Current Specifications are guaranteed maximum after 5 minutes at T
A = +25
°C.
4FPBW = Slew Rate/2
π V
PEAK.
5Total Harmonic Distortion.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are
used to calculate outgoing quality levels.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 W
Cerdip Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Common-Mode Input Voltage, Max Safe . . . . . . . |VS| – 3 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1 V
Continuous Input Current
Inverting or Noninverting . . . . . . . . . . . . . . . . . . . . 2.0 mA
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N) . . . . . . . . . –65
°C to +125°C
Storage Temperature Range (R) . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD846A/B . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD846S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3500 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Maximum internal power dissipation is specified so that T
J does not exceed
+175
°C at an ambient temperature of +25°C, derate cerdip (Q) package at
8.7 mW/
°C and plastic (N) package at 10 mW/°C.
Plastic Package:
θ
JA = 100
°C/Watt, θ
JC = 33
°C/W.
Cerdip Package:
θ
JA = 110
°C/Watt, θ
JC = 30
°C/W.
SOIC Package:
θ
JA = 100
°C/Watt, θ
JC = 33
°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com