Electronic Components Datasheet Search
  English  ▼

X  

AD847JR Datasheet(PDF) 9 Page - Analog Devices

Part # AD847JR
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847JR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD847JR Datasheet HTML 4Page - Analog Devices AD847JR Datasheet HTML 5Page - Analog Devices AD847JR Datasheet HTML 6Page - Analog Devices AD847JR Datasheet HTML 7Page - Analog Devices AD847JR Datasheet HTML 8Page - Analog Devices AD847JR Datasheet HTML 9Page - Analog Devices AD847JR Datasheet HTML 10Page - Analog Devices AD847JR Datasheet HTML 11Page - Analog Devices AD847JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD847
REV. F
–9–
OFFSET NULLING
The input offset voltage of the AD847 is very low for a high
speed op amp, but if additional nulling is required, the circuit
shown in Figure 21 can be used.
Figure 21. Offset Nulling
INPUT CONSIDERATIONS
An input resistor (RIN in Figure 20) is required in circuits where
the input to the AD847 will be subjected to transient or con-
tinuous overload voltages exceeding the
±6 V maximum differ-
ential limit. This resistor provides protection for the input
transistors by limiting the maximum current that can be forced
into their bases.
For high performance circuits it is recommended that a resistor
(RB in Figures 19 and 20) be used to reduce bias current errors
by matching the impedance at each input. The offset voltage er-
ror will be reduced by more than an order of magnitude.
THEORY OF OPERATION
The AD847 is fabricated on Analog Devices’ proprietary
complementary bipolar (CB) process which enables the con-
struction of pnp and npn transistors with similar fTs in the
600 MHz to 800 MHz region. The AD847 circuit (Figure 22)
includes an npn input stage followed by fast pnps in the folded
cascode intermediate gain stage. The CB pnps are also used in
the current amplifying output stage. The internal compensation
capacitance that makes the AD847 unity gain stable is provided
by the junction capacitances of transistors in the gain stage.
The capacitor, CF, in the output stage mitigates the effect of ca-
pacitive loads. At low frequencies and with low capacitive
loads, the gain from the compensation node to the output is
very close to unity. In this case CF is bootstrapped and does not
contribute to the compensation capacitance of the part. As the
capacitive load is increased, a pole is formed with the output
impedance of the output stage. This reduces the gain, and
therefore, CF is incompletely bootstrapped. Some fraction of CF
contributes to the compensation capacitance, and the unity gain
bandwidth falls. As the load capacitance is increased, the band-
width continues to fall, and the amplifier remains stable.
C F
–IN
+IN
NULL 1
NULL 8
OUTPUT
+VS
–VS
Figure 22. AD847 Simplified Schematic
GROUNDING AND BYPASSING
In designing practical circuits with the AD847, the user must
remember that whenever high frequencies are involved, some
special precautions are in order. Circuits must be built with
short interconnect leads. A large ground plane should be used
whenever possible to provide a low resistance, low inductance
circuit path, as well as minimizing the effects of high frequency
coupling. Sockets should be avoided because the increased
interlead capacitance can degrade bandwidth.
Feedback resistors should be of low enough value to assure that
the time constant formed with the capacitance at the amplifier
summing junction will not limit the amplifier performance.
Resistor values of less than 5 k
Ω are recommended. If a larger
resistor must be used, a small (<10 pF) feedback capacitor in
parallel with the feedback resistor, RF, may be used to compen-
sate for the input capacitances and optimize the dynamic perfor-
mance of the amplifier.
Power supply leads should be bypassed to ground as close as
possible to the amplifier pins. Ceramic disc capacitors of
0.1
µF are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com