Electronic Components Datasheet Search
  English  ▼

X  

AD847JR Datasheet(PDF) 10 Page - Analog Devices

Part # AD847JR
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847JR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD847JR Datasheet HTML 4Page - Analog Devices AD847JR Datasheet HTML 5Page - Analog Devices AD847JR Datasheet HTML 6Page - Analog Devices AD847JR Datasheet HTML 7Page - Analog Devices AD847JR Datasheet HTML 8Page - Analog Devices AD847JR Datasheet HTML 9Page - Analog Devices AD847JR Datasheet HTML 10Page - Analog Devices AD847JR Datasheet HTML 11Page - Analog Devices AD847JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD847
REV. F
–10–
VIDEO LINE DRIVER
The AD847 functions very well as a low cost, high speed line
driver for either terminated or unterminated cables. Figure 23
shows the AD847 driving a doubly terminated cable in a fol-
lower configuration.
The termination resistor, RT, (when equal to the cable’s charac-
teristic impedance) minimizes reflections from the far end of the
cable. While operating from
±5 V supplies, the AD847 main-
tains a typical slew rate of 200 V/
µs, which means it can drive a
±1 V, 30 MHz signal into a terminated cable.
0.1
µF
0.1
µF
500
Ω
500
Ω
75
Ω
AD847
75
Ω
75
Ω
R T
RBT
C
C
SEE TABLE I
+VS
V
IN
VOUT
–V
S
IN
R
100
Ω
75
Ω
COAX
75
Ω
COAX
Figure 23. Video Line Driver
Table I. Video Line Driver Performance Chart
Over-
VIN*VSUPPLY
CC
–3 dB BW shoot
0 dB or
±500 mV Step
±15
20 pF
23 MHz
4%
0 dB or
±500 mV Step
±15
15 pF
21 MHz
0%
0 dB or
±500 mV Step
±15
0 pF
13 MHz
0%
0 dB or
±500 mV Step
±5
20 pF
18 MHz
2%
0 dB or
±500 mV Step
±5
15 pF
16 MHz
0%
0 dB or
±500 mV Step
±5
0 pF
11 MHz
0%
*–3 dB bandwidth numbers are for the 0 dBm signal input. Overshoot numbers
are the percent overshoot of the 1 volt step input.
A back-termination resistor (RBT, also equal to the characteristic
impedance of the cable) may be placed between the AD847 out-
put and the cable input, in order to damp any reflected signals
caused by a mismatch between RT and the cable’s characteristic
impedance. This will result in a flatter frequency response, al-
though this requires that the op amp supply
±2 V to the output
in order to achieve a
±1 V swing at resistor R
T.
Figure 24 shows the AD847 driving 100 pF and 1000 pF loads.
Figure 24. AD847 Driving Capacitive Loads
FLASH ADC INPUT BUFFER
The 35 MHz unity gain bandwidth of the AD847 makes it an
excellent choice for buffering the input of high speed flash A/D
converters, such as the AD9048.
Figure 25 shows the AD847 as a unity inverter for the input to
the AD9048.
AD9048
50
Ω
1.5k
Ω
10k
Ω
2k
0.1
0.1
100
27
2N3906
AD741
5
0.1
µF
RB
RT
VIN
VCC
AD847
1.5k
Ω
V
EE
ANALOG
INPUT
(0V TO +2V)
TTL
CONVERT
SIGNAL
0.1
µF
0.1
µF
–5.2V +5.0V
CONVERT
D1
(MSB)
D8
(LSB)
–5.2V
43
Ω
1k
1k
AD589
Figure 25. Flash ADC Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com