Electronic Components Datasheet Search
  English  ▼

X  

AD8519 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8519
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8519 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8519 Datasheet HTML 3Page - Analog Devices AD8519 Datasheet HTML 4Page - Analog Devices AD8519 Datasheet HTML 5Page - Analog Devices AD8519 Datasheet HTML 6Page - Analog Devices AD8519 Datasheet HTML 7Page - Analog Devices AD8519 Datasheet HTML 8Page - Analog Devices AD8519 Datasheet HTML 9Page - Analog Devices AD8519 Datasheet HTML 10Page - Analog Devices AD8519 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
Typical Performance Characteristics–AD8519/AD8529
–7–
INPUT OFFSET VOLTAGE – mV
60
50
0
1.0
0.6
1.0
0.2
0.2
0.6
30
20
10
40
COUNT = 395 OP AMPS
VS = 5V
TA = 25 C
TPC 1. Input Offset Voltage
Distribution
COMMON-MODE VOLTAGE – V
40
0
240
01
5
23
4
80
120
160
200
40
VS = 5V
TA = 25 C
TPC 4. Input Bias Current vs.
Common-Mode Voltage
FREQUENCY – Hz
10k
100k
100M
1M
10M
40
60
40
20
0
VS = 5V
RL = 830
TA = 25 C
CL
5pF
20
TPC 7. Closed-Loop Gain vs.
Frequency
SUPPLY VOLTAGE – V
600
550
450
0
212
46
8
10
500
TPC 2. Supply Current per
Amplifier vs. Supply Voltage
COMMON-MODE VOLTAGE – V
120
100
20
01
5
23
4
80
60
40
VS = 5V
TPC 5. Common-Mode Rejection vs.
Common-Mode Voltage
FREQUENCY – Hz
1k
10k
10M
100k
1M
20
VS = 5V
TA = 25 C
30
40
50
60
70
80
90
100
110
TPC 8. CMRR vs. Frequency
TEMPERATURE – C
800
700
300
50
25
150
025
5075
100
125
600
500
400
VS = 10V
VS = 5V
VS = 2.7V, 3.0V
TPC 3. Supply Current per
Amplifier vs. Temperature
45
90
135
180
FREQUENCY – Hz
30
100k
10
VS = 5V
TA = 25 C
20
10
0
20
30
40
50
225
270
1M
10M
100M
GAIN
PHASE
TPC 6. Open-Loop Gain, Phase vs.
Frequency
FREQUENCY – Hz
1k
10k
10M
100k
1M
0
VS = 5V
TA = 25 C
10
20
30
40
50
60
70
80
90
+PSRR
PSRR
TPC 9. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com