Electronic Components Datasheet Search
  English  ▼

X  

AD8519 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8519
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8519 Datasheet(HTML) 3 Page - Analog Devices

  AD8519 Datasheet HTML 1Page - Analog Devices AD8519 Datasheet HTML 2Page - Analog Devices AD8519 Datasheet HTML 3Page - Analog Devices AD8519 Datasheet HTML 4Page - Analog Devices AD8519 Datasheet HTML 5Page - Analog Devices AD8519 Datasheet HTML 6Page - Analog Devices AD8519 Datasheet HTML 7Page - Analog Devices AD8519 Datasheet HTML 8Page - Analog Devices AD8519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
AD8519/AD8529
–3–
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8519AKS, AD8519ART
700
1,200
mV
–40
∞C £ TA £ +125∞C
900
1,400
mV
AD8519AR (R-8), AD8529
700
1,100
mV
–40
∞C £ TA £ +125∞C
1,200
mV
Input Bias Current
IB
300
nA
Input Offset Current
IOS
±50
nA
Input Voltage Range
VCM
02
V
Common-Mode Rejection Ratio
CMRR
0 V
£ VCM £ 2.0 V,
–40
∞C £ TA £ +125∞C55
75
dB
Large Signal Voltage Gain
AVO
RL = 2 k
W, 0.5 V < VOUT < 2.5 V
20
V/mV
RL = 10 k
W
20
30
V/mV
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250
mA2.90
V
IL = 5 mA
2.80
V
Output Voltage Swing Low
VOL
IL = 250
mA
100
mV
IL = 5 mA
200
mV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5 V to 7 V,
–40
∞C £ TA £ +125∞C60
80
dB
Supply Current/Amplifier
ISY
VOUT = 1.5 V
600
1,100
mA
–40
∞C £ TA £ +125∞C
1,300
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
W
1.5
V/
ms
Settling Time
tS
To 0.01%
2,000
ns
Gain Bandwidth Product
GBP
6
MHz
Phase Margin
fm
55
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
10
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
0.4
pA/
÷Hz
Specifications subject to change without notice.
(VS = 3.0 V, V– = 0 V, VCM = 1.5 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com