Electronic Components Datasheet Search
  English  ▼

X  

AD8531 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8531
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8531 Datasheet(HTML) 5 Page - Analog Devices

  AD8531 Datasheet HTML 1Page - Analog Devices AD8531 Datasheet HTML 2Page - Analog Devices AD8531 Datasheet HTML 3Page - Analog Devices AD8531 Datasheet HTML 4Page - Analog Devices AD8531 Datasheet HTML 5Page - Analog Devices AD8531 Datasheet HTML 6Page - Analog Devices AD8531 Datasheet HTML 7Page - Analog Devices AD8531 Datasheet HTML 8Page - Analog Devices AD8531 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
INPUT OFFSET VOLTAGE – mV
300
500
400
200
100
–12 –10 –8 –6
–4
–2
0
2
4
VS = 2.7V
VCM = 1.35V
TA = 25 C
Figure 2. Input Offset Voltage
Distribution
TEMPERATURE – C
–35 –15
5
25
45
65
85
5
8
7
4
2
6
3
VS = 5V, 3V
VCM = VS/2
Figure 5. Input Bias Current vs.
Temperature
LOAD CURRENT – mA
0.01
0.1
1000
110
100
1000
100
0.1
10
1
VS = 2.7V
TA = 25 C
SOURCE
SINK
Figure 8. Output Voltage to Supply
Rail vs. Load Current
Typical Performance Characteristics–AD8531/AD8532/AD8534
REV. D
–5–
INPUT OFFSET VOLTAGE – mV
300
–12 –10 –8
–6
–4 –2
0
2
4
500
400
200
100
VS = 5V
VCM = 2.5V
TA = 25 C
Figure 3. Input Offset Voltage
Distribution
COMMON-MODE VOLTAGE – Volts
01
2
3
4
5
5
8
7
4
2
6
3
1
VS = 5V
TA = 25 C
Figure 6. Input Bias Current vs.
Common-Mode Voltage
LOAD CURRENT – mA
0.01
0.1
1000
110
100
10000
100
0.01
10
1000
1
VS = 5V
TA = 25 C
SOURCE
SINK
Figure 9. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE – C
–35 –15
5
25
45
65
85
–5
–2
–3
–6
–8
–4
–7
VS = 5V
VCM = 2.5V
Figure 4. Input Offset Voltage
vs. Temperature
TEMPERATURE – C
–35
–15
5
25
45
65
85
3
2
0
4
1
–1
–2
5
6
VS = 5V, 3V
VCM = VS/2
Figure 7. Input Offset Current vs.
Temperature
FREQUENCY – Hz
1k
10k
100k
1M
10M
100M
VS = 2.7V
RL = NO LOAD
TA = 25 C
80
60
40
20
0
45
90
135
180
Figure 10. Open-Loop Gain and
Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com