Electronic Components Datasheet Search
  English  ▼

X  

AD8531 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8531
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8531 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8531 Datasheet HTML 2Page - Analog Devices AD8531 Datasheet HTML 3Page - Analog Devices AD8531 Datasheet HTML 4Page - Analog Devices AD8531 Datasheet HTML 5Page - Analog Devices AD8531 Datasheet HTML 6Page - Analog Devices AD8531 Datasheet HTML 7Page - Analog Devices AD8531 Datasheet HTML 8Page - Analog Devices AD8531 Datasheet HTML 9Page - Analog Devices AD8531 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–6–
FREQUENCY – Hz
1k
10k
100k
1M
10M
100M
80
60
40
20
0
45
90
135
180
VS = 5V
RL = NO LOAD
TA = 25 C
Figure 11. Open-Loop Gain & Phase
vs. Frequency
FREQUENCY – Hz
1k
10k
100M
100k
1M
10M
160
140
120
100
80
60
40
20
VS = 5V
TA = 25 C
AV = 10
AV = 1
180
200
0
Figure 14. Closed-Loop Output
Impedance vs. Frequency
FREQUENCY – Hz
1
0.1
0.01
10
100
100k
1k
10k
VS = 5V
TA = 25 C
Figure 17. Current Noise Density
vs. Frequency
FREQUENCY – Hz
5
4
0
1k
10k
10M
100k
1M
3
2
1
VS = 2.7V
TA = 25 C
RL = 2k
VIN = 2.5V p-p
Figure 12. Closed-Loop Output
Voltage Swing vs. Frequency
MARKER 41 V/ Hz
VS = 5V
AV = 1000
TA = 25 C
FREQUENCY = 1kHz
90
100
0%
10
Figure 15. Voltage Noise Density
vs. Frequency
FREQUENCY – Hz
110
100
40
1k
10k
10M
100k
1M
80
70
50
90
60
VS = 5V
TA = 25 C
Figure 18. Common-Mode Rejec-
tion vs. Frequency
FREQUENCY – Hz
5
4
0
1k
10k
10M
100k
1M
3
2
1
VS = 5V
TA = 25 C
RL = 2k
VIN = 4.9V p-p
Figure 13. Closed-Loop Output
Voltage Swing vs. Frequency
MARKER 25.9
V/ Hz
100
90
10
0%
VS = 5V
AV = 1000
TA = 25 C
FREQUENCY = 10kHz
Figure 16. Voltage Noise Density
vs. Frequency
80
60
40
20
0
100
120
140
–60
–40
–20
FREQUENCY – Hz
1k
10k
100k
1M
10M
100
VS = 2.7V
TA = 25 C
PSRR–
PSRR+
Figure 19. Power Supply Rejection
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com