Electronic Components Datasheet Search
  English  ▼

X  

AD8561 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8561
Description  Ultrafast 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8561 Datasheet(HTML) 5 Page - Analog Devices

  AD8561 Datasheet HTML 1Page - Analog Devices AD8561 Datasheet HTML 2Page - Analog Devices AD8561 Datasheet HTML 3Page - Analog Devices AD8561 Datasheet HTML 4Page - Analog Devices AD8561 Datasheet HTML 5Page - Analog Devices AD8561 Datasheet HTML 6Page - Analog Devices AD8561 Datasheet HTML 7Page - Analog Devices AD8561 Datasheet HTML 8Page - Analog Devices AD8561 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD8561
–5–
REV. 0
Typical Performance Characteristics (V+ = +5 V, V– = 0 V, T
A = +25 C unless otherwise noted)
DIFFERENTIAL INPUT VOLTAGE – mV
5
4
0
–2.5 –2.0
1.5
–1.5 –1.0 –0.5
0
0.5
1.0
3
2
1
VS = 5V, SINGLE SUPPLY
+125 C
+25 C
–40 C
Figure 1. Output Voltage vs. Differen-
tial Input Voltage
LOAD CAPACITANCE – pF
20
15
0
0
10
50
20
30
40
10
5
VS = 5V, SINGLE SUPPLY
STEP SIZE = 100mV
OVERDRIVE LOAD = 5mV
tPD –
FALLING EDGE
tPD +
FALLING EDGE
Figure 4. Propagation Delay vs. Load
Capacitance
TEMPERATURE – C
20
15
0
–50
–25
50
025
10
5
VS = +5V, SINGLE SUPPLY
STEP SIZE = 100mV
OVERDRIVE = 5mV,
LOAD CAPACITANCE = 10pF
75
100
125
Figure 7. Propagation Delay vs.
Temperature
INPUT VOLTAGE – mV
500
400
0
–5
5
–4 –3 –2 –1
0
1
2
3
4
300
200
100
Figure 2. Typical Distribution of Input
Offset Voltage
SOURCE RESISTANCE – k
40
30
0
0
0.5
2
1
1.5
20
10
VS = 5V, SINGLE SUPPLY
OVERDRIVE = 10mV
CAPACITANCE LOAD = 10pF
TA = +25 C
100mV
STEP SIZE = 800mV
400mV
200mV
Figure 5. Propagation Delay vs.
Source Resistance
COMMON-MODE VOLTAGE – Volts
20
15
0
0
15
23
4
10
5
VS = 5V
STEP SIZE = 100mV
OVERDRIVE = 5mV
LOAD CAPACITANCE = 10pF
+25 C
–40 C
+125 C
Figure 8. Propagation Delay vs. VCM
OVERDRIVE – mV
20
15
0
0
10
50
20
30
40
10
5
VS = 5V, SINGLE SUPPLY
STEP SIZE = 100mV
CAPACITANCE LOAD = 10pF
TA = +25 C
Figure 3. Propagation Delay vs.
Overdrive
SUPPLY VOLTAGE – Volts
20
15
0
4.5
4.75
5.5
5
5.25
10
5
SINGLE SUPPLY,
STEP SIZE = 100mV
OVERDRIVE = 5mV
CAPACITANCE LOAD = 10pF
TA = +25 C
Figure 6. Propagation Delay vs. Posi-
tive Supply Voltage
TEMPERATURE – C
4
3
0
–50
–25
125
0
255075
100
2
1
HOLD TIME
SET-UP TIME
Figure 9. Latch Setup-and-Hold Time
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com