Electronic Components Datasheet Search
  English  ▼

X  

AD8561 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8561
Description  Ultrafast 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8561 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8561 Datasheet HTML 3Page - Analog Devices AD8561 Datasheet HTML 4Page - Analog Devices AD8561 Datasheet HTML 5Page - Analog Devices AD8561 Datasheet HTML 6Page - Analog Devices AD8561 Datasheet HTML 7Page - Analog Devices AD8561 Datasheet HTML 8Page - Analog Devices AD8561 Datasheet HTML 9Page - Analog Devices AD8561 Datasheet HTML 10Page - Analog Devices AD8561 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD8561
–9–
REV. 0
SPICE Model
* AD8561 SPICE Macro-Model Typical Values
* 4/98, Ver. 1.0
* TAM / ADSC
*
* Node assignments
*
non-inverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
||||
Latch
*
|||||DGND
*
||||||Q
*
|||||||
QNOT
*
||||||||
.SUBCKT AD8561
1
2
99
50
80
51
45
65
*
* INPUT STAGE
*
*
Q1
4
3 5 PIX
Q2
6
2 5 PIX
IBIAS 99
5 800E-6
RC1
4 50 1E3
RC2
6 50 1E3
CL1
4
6 1E-12
CIN
1
2 3E-12
VCM1
99
7 1
D1
5
7 DX
EOS
3
1 POLY(1) (31,98) 1E-3 1
*
* Reference Voltage
*
EREF 98 0 POLY(2) (99,0) (50,0) 0 0.5 0.5
RREF 98 0 100E3
*
* CMRR=80dB, ZERO AT 1kHz
*
ECM1 30 98 POLY(2) (1,98) (2,98) 0 0.5 0.5
RCM1 30 31 10E3
RCM2 31 98 1
CCM1 30 31 15.9E-9
*
* Latch Section
*
RX 80 51 100E3
E1 10 98 (4,6) 1
S1 10 11 (80,51) SLATCH1
R2 11 12 1
C3 12 98 10E-12
E2 13 98 (12,98) 1
R3 12 13 500
*
* Power Supply Section
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com