Electronic Components Datasheet Search
  English  ▼

X  

AD8565 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8565 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8565 Datasheet HTML 4Page - Analog Devices AD8565 Datasheet HTML 5Page - Analog Devices AD8565 Datasheet HTML 6Page - Analog Devices AD8565 Datasheet HTML 7Page - Analog Devices AD8565 Datasheet HTML 8Page - Analog Devices AD8565 Datasheet HTML 9Page - Analog Devices AD8565 Datasheet HTML 10Page - Analog Devices AD8565 Datasheet HTML 11Page - Analog Devices AD8565 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8565/AD8566/AD8567
–10–
REV. A
Figure 5 shows the test circuit. Series capacitors and resistors
connected to the output of the op amp represent the load of the
LCD panel. The 300
Ω and 3 kΩ feedback resistors are used to
improve settling time. This test circuit simulates the worst-case
scenario for a VCOM. It drives a represented load that is connected
to a signal switched symmetrically around VCOM. Figure 6 displays
a scope photo of the instantaneous output peak current capability
of the AD856x family.
INPUT 0V TO 8V
SQUARE WAVE WITH
15.6 s PULSEWIDTH
300
3k
10
10
10
10
10nF
10nF
10nF
10nF
MEASURE
CURRENT
4V
8V
10 –20
Figure 5. VCOM Test Circuit with Supply Voltage at 16 V
10
0%
100
90
TIME – 2 s/DIV
CH 1 = 5V/DIV
CH 2 =
100mA/DIV
Figure 6. Scope Photo of the VCOM Instantaneous
Peak Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com