Electronic Components Datasheet Search
  English  ▼

X  

AD8565 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8565 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8565 Datasheet HTML 4Page - Analog Devices AD8565 Datasheet HTML 5Page - Analog Devices AD8565 Datasheet HTML 6Page - Analog Devices AD8565 Datasheet HTML 7Page - Analog Devices AD8565 Datasheet HTML 8Page - Analog Devices AD8565 Datasheet HTML 9Page - Analog Devices AD8565 Datasheet HTML 10Page - Analog Devices AD8565 Datasheet HTML 11Page - Analog Devices AD8565 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8565/AD8566/AD8567
–11–
REV. A
16-Terminal Leadless Frame Chip Scale
(CP-16)
16
5
13
8
9
12
1
4
BOTTOM
VIEW
0.073 (1.85)
0.067 (1.70) SQ
0.061 (1.55)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.024 (0.60)
0.017 (0.42)
0.009 (0.24)
0.030 (0.75)
0.024 (0.60)
0.020 (0.50)
0.026 (0.65)
BSC
0.077 (1.95)
BSC
0.014 (0.35)
0.011 (0.28)
0.009 (0.23)
12 MAX
0.008 (0.20)
REF
0.031 (0.80) MAX
0.026 (0.65) NOM
0.002 (0.05)
0.0004 (0.01)
0.0 (0.0)
SEATING
PLANE
0.039 (1.00) MAX
0.033 (0.85) NOM
PIN 1
INDICATOR
TOP
VIEW
0.157 (4.0)
BSC SQ
0.148 (3.75)
BSC SQ
CONTROLLING DIMENSIONS ARE IN MILLIMETERS
14-Lead Thin Shrink SO
(RU-14)
14
8
7
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.201 (5.10)
0.193 (4.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
5-Lead Plastic Surface-Mount
(KS-5)
0.012 (0.30)
0.006 (0.15)
0.004 (0.10)
0.000 (0.00)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.043 (1.10)
0.031 (0.80)
0.007 (0.18)
0.004 (0.10)
0.012 (0.30)
0.004 (0.10)
0.016 (0.40)
0.004 (0.10)
3
5
4
1
2
0.087 (2.20)
0.071 (1.80)
PIN 1
0.094 (2.40)
0.071 (1.80)
0.026 (0.65) BSC
0.053 (1.35)
0.045 (1.15)
8-Lead MINI_SOIC
(RM-8)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
27
0.120 (3.05)
0.112 (2.84)
85
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com