Electronic Components Datasheet Search
  English  ▼

X  

AD8598 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8598
Description  Dual 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8598 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8598 Datasheet HTML 2Page - Analog Devices AD8598 Datasheet HTML 3Page - Analog Devices AD8598 Datasheet HTML 4Page - Analog Devices AD8598 Datasheet HTML 5Page - Analog Devices AD8598 Datasheet HTML 6Page - Analog Devices AD8598 Datasheet HTML 7Page - Analog Devices AD8598 Datasheet HTML 8Page - Analog Devices AD8598 Datasheet HTML 9Page - Analog Devices AD8598 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD8598
–6–
REV. A
SINK CURRENT – mA
0.5
0.4
0
015
36
9
12
0.3
0.2
0.1
TA = 40 C
TA = +25 C
TA = +125 C
Figure 10. Output Low Voltage, VOL
vs. Sink Current
TA = +125 C
TA = +25 C
TA = 40 C
SUPPLY VOLTAGE – Volts
0
4.0
20.0
212
46
8
10
8.0
12.0
16.0
Figure 13. Analog Supply Current vs.
Supply Voltage
TEMPERATURE – C
0
1.0
5.0
75
50
150
25
0
25
75
100 125
50
2.0
3.0
4.0
Figure 16. Input Bias Current vs.
Temperature
SOURCE CURRENT – mA
5.0
4.4
2.0
015
36
9
12
3.8
3.2
2.6
TA = +125 C
TA = +25 C
TA = 40 C
Figure 11. Output High Voltage, VOH
vs. Source Current
FREQUENCY – MHz
80
0
110
100
70
60
50
40
30
–40 C
20
10
+125 C
+25 C
Figure 14. Positive Supply Current
vs. Input Frequency
V+ = +5V, V
= 0V
V+ = +5V, V
=
5V
TEMPERATURE – C
0
4.0
20.0
–75 –50
150
–25
0
25
75
100 125
50
8.0
12.0
16.0
Figure 12. Analog Supply Current vs.
Temperature for
±5 V Supplies
INPUT COMMON-MODE VOLTAGE – Volts
0
1
5
7.5
5
5
2.5
0
2.5
2
3
4
Figure 15. Input Bias Current vs. Input
Common-Mode Voltage for
±5 V
Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com