Electronic Components Datasheet Search
  English  ▼

X  

AD8598 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8598
Description  Dual 7 ns Single Supply Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8598 Datasheet(HTML) 4 Page - Analog Devices

  AD8598 Datasheet HTML 1Page - Analog Devices AD8598 Datasheet HTML 2Page - Analog Devices AD8598 Datasheet HTML 3Page - Analog Devices AD8598 Datasheet HTML 4Page - Analog Devices AD8598 Datasheet HTML 5Page - Analog Devices AD8598 Datasheet HTML 6Page - Analog Devices AD8598 Datasheet HTML 7Page - Analog Devices AD8598 Datasheet HTML 8Page - Analog Devices AD8598 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
–4–
REV. A
AD8598–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8598 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
7mV
Input Bias Current
IB
VCM = 0 V
–6
–3.0
µA
IB
–40
°C ≤ T
A
≤ +85°C–7
–4
µA
Input Common-Mode Voltage Range
VCM
0
+1.5
V
Common-Mode Rejection Ratio
CMRR
+0.1 V
≤ V
CM
≤ +1.5 V
50
dB
OUTPUT CHARACTERISTICS
Output High Voltage1
VOH
IOH = –3.2 mA, VIN > 250 mV
+1.2
V
Output Low Voltage
VOL
IOL = +3.2 mA, VIN > 250 mV
+0.3
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
+2.7 V
≤ V
CC, VEE ≤ +6 V
40
dB
Supply Currents
VO = 0 V, RL =
∞
Positive Supply Current (V+ Pin)
I+
8.0
9.0
mA
–40
°C ≤ T
A ≤ +85°C11.0
mA
Ground Supply Current (GND Pins)
IGND
3.2
5.0
mA
–40
°C ≤ T
A ≤ +85°C
6.0
mA
Analog Supply Current (V– Pin)
I–
4.8
6.6
mA
–40
°C ≤ T
A ≤ +85°C
7.6
mA
DYNAMIC PERFORMANCE
Propagation Delay
tP
100 mV Step with 20 mV Overdrive
2
8.5
9.8
ns
NOTES
1Output high voltage without pull-up resistor. It may be useful to have a pull-up resistor to V+ for +3 V operation.
2Guaranteed by design.
Specifications subject to change without notice.
(@ V+ = +3.0 V, V– = VGND = 0 V, TA = +25 C unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD8598AN
–40
°C to +85°C
16-Lead Plastic DIP
N-16
AD8598ARU
–40
°C to +85°C
16-Lead Thin Shrink Small Outline (TSSOP)
RU-16
AD8598AR
–40
°C to +85°C
16-Lead Narrow Body IC
R-16A
ABSOLUTE MAXIMUM RATINGS
Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . +14 V
Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Analog Positive Supply–Digital Positive Supply . . . . . –600 mV
Input Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±8 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
N, R, RU Package . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
N, R, RU Package . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . +300
°C
Package Type
JA
2
JC
Units
16-Lead Plastic DIP
103
43
°C/W
16-Lead SOIC
158
43
°C/W
16-Lead TSSOP
240
43
°C/W
NOTES
1The analog input voltage is equal to
±7 V or the analog supply voltage, whichever
is less.
2
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP and
θ
JA is specified for device soldered in circuit board for SOIC and
TSSOP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com