Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8611
Description  Ultrafast 4 ns Single Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8611 Datasheet HTML 2Page - Analog Devices AD8611 Datasheet HTML 3Page - Analog Devices AD8611 Datasheet HTML 4Page - Analog Devices AD8611 Datasheet HTML 5Page - Analog Devices AD8611 Datasheet HTML 6Page - Analog Devices AD8611 Datasheet HTML 7Page - Analog Devices AD8611 Datasheet HTML 8Page - Analog Devices AD8611 Datasheet HTML 9Page - Analog Devices AD8611 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8611/AD8612
–6–
REV. 0
TEMPERATURE – C
0
0.5
4.5
50
100
0
50
VS = 3V
3.0
3.5
4.0
1.5
2.0
1.0
VS = 5V
2.5
Figure 13. IGND vs. Temperature
TEMPERATURE – C
0
3.0
60
100
40
20
020
40
60
80
0.5
1.0
1.5
2.0
2.5
VS = 3V
VS = 5V
Figure 14. ISY– vs. Temperature
TIME – 2ns/DIV
0V
VOUT
VIN
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
Figure 15. Rising Edge Response
TIME – 2ns/DIV
0V
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
VIN
VOUT
Figure 16. Falling Edge Response
TIME – 4ns/DIV
0V
VIN TRACE – 10mV/DIV
VOUT TRACE – 1V/DIV
V+ = 5V
TA = 25 C
VIN
VOUT
Figure 17. Response to a 50 MHz 100 mV Input Sine Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com