Electronic Components Datasheet Search
  English  ▼

X  

AD8611 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8611
Description  Ultrafast 4 ns Single Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611 Datasheet(HTML) 1 Page - Analog Devices

  AD8611 Datasheet HTML 1Page - Analog Devices AD8611 Datasheet HTML 2Page - Analog Devices AD8611 Datasheet HTML 3Page - Analog Devices AD8611 Datasheet HTML 4Page - Analog Devices AD8611 Datasheet HTML 5Page - Analog Devices AD8611 Datasheet HTML 6Page - Analog Devices AD8611 Datasheet HTML 7Page - Analog Devices AD8611 Datasheet HTML 8Page - Analog Devices AD8611 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8611/AD8612
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Ultrafast 4 ns
Single Supply Comparators
PIN CONFIGURATIONS
FEATURES
4 ns Propagation Delay at 5 V
Single Supply Operation: 3 V to 5 V
100 MHz Input
Latch Function
APPLICATIONS
High-Speed Timing
Clock Recovery and Clock Distribution
Line Receivers
Digital Communications
Phase Detectors
High-Speed Sampling
Read Channel Detection
PCMCIA Cards
Zero Crossing Detector
High-Speed A/D Converter
Upgrade for LT1394 and LT1016 Designs
GENERAL DESCRIPTION
The AD8611/AD8612 are single and dual 4 ns comparators with
latch function and complementary output.
Fast 4 ns propagation delay makes the AD8611/AD8612 a good
choice for timing circuits and line receivers. Propagation delays
for rising and falling signals are closely matched and track over
temperature. This matched delay makes the AD8611/AD8612 a
good choice for clock recovery, since the duty cycle of the output
will match the duty cycle of the input.
The AD8611 has the same pinout as the LT1016 and LT1394,
with lower supply current and a wider common-mode input range,
which includes the negative supply rail.
The AD8611/AD8612 is specified over the industrial (–40
°C to
+85
°C) temperature range. The AD8611 is available in both 8-lead
MSOP and narrow SO-8 surface mount packages. The AD8612
is available in 14-lead TSSOP surface-mount package.
14-Lead TSSOP
(RU-14)
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
QA
GND
LE A
V
IN A
IN A+
QB
QB
GND
LE B
V+
IN B
IN B+
QA
AD8612
8-Lead MSOP
(RM-8)
IN
IN
V
OUT
GND
LATCH
OUT
1
45
8
AD8611
V
8-Lead Narrow Body SO
(SO-8)
V
IN
V
IN
OUT
OUT
GND
LATCH
AD8611


Similar Part No. - AD8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8611 AD-AD8611 Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
AD8611 AD-AD8611 Datasheet
316Kb / 20P
Single-Supply Comparators
12/2016-Rev. A to Rev. B
AD8611AR AD-AD8611AR Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
AD8611AR AD-AD8611AR Datasheet
316Kb / 20P
Single-Supply Comparators
12/2016-Rev. A to Rev. B
AD8611AR-REEL AD-AD8611AR-REEL Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
More results

Similar Description - AD8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
Ultrafast 3.3 V Single-Supply Comparators
Jun-2004
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
Ultrafast, 4 ns Single-Supply Comparators
8/06-Rev. 0 to Rev. A
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
Single-Supply Comparators
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com