Electronic Components Datasheet Search
  English  ▼

X  

AD8602DR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8602DR
Description  Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602DR Datasheet(HTML) 5 Page - Analog Devices

  AD8602DR Datasheet HTML 1Page - Analog Devices AD8602DR Datasheet HTML 2Page - Analog Devices AD8602DR Datasheet HTML 3Page - Analog Devices AD8602DR Datasheet HTML 4Page - Analog Devices AD8602DR Datasheet HTML 5Page - Analog Devices AD8602DR Datasheet HTML 6Page - Analog Devices AD8602DR Datasheet HTML 7Page - Analog Devices AD8602DR Datasheet HTML 8Page - Analog Devices AD8602DR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8601/AD8602
–5–
REV. 0
Typical Performance Characteristics–
INPUT OFFSET VOLTAGE – mV
3,000
1,500
0
1.0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
2,500
2,000
1,000
500
VS = 3V
TA = 25 C
VCM = 0V TO 3V
TPC 1. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE – mV
3,000
1,500
0
1.0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
2,500
2,000
1,000
500
VS = 5V
TA = 25 C
VCM = 0V TO 5V
TPC 2. Input Offset Voltage Distribution
TCVOS –
V/ C
60
30
0
010
1
23
4
5
6
7
8
9
50
40
20
10
VS = 3V
TA = 25 C TO 85 C
TPC 3. Input Offset Voltage Drift Distribution
TCVOS –
V/ C
60
30
0
010
1
23
4
5
6
7
8
9
50
40
20
10
VS = 5V
TA = 25 C TO 85 C
TPC 4. Input Offset Voltage Drift Distribution
COMMON-MODE VOLTAGE – V
1.5
2.0
03.0
0.5
1.0
1.5
2.0
2.5
1.0
0.5
0
1.0
1.5
0.5
VS = 3V
TA = 25 C
TPC 5. Input Offset Voltage vs. Common-Mode Voltage
COMMON-MODE VOLTAGE – V
1.5
2.0
01
2345
1.0
0.5
0
1.0
1.5
0.5
VS = 5V
TA = 25 C
TPC 6. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com