Electronic Components Datasheet Search
  English  ▼

X  

AD8602DR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8602DR
Description  Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602DR Datasheet(HTML) 1 Page - Analog Devices

  AD8602DR Datasheet HTML 1Page - Analog Devices AD8602DR Datasheet HTML 2Page - Analog Devices AD8602DR Datasheet HTML 3Page - Analog Devices AD8602DR Datasheet HTML 4Page - Analog Devices AD8602DR Datasheet HTML 5Page - Analog Devices AD8602DR Datasheet HTML 6Page - Analog Devices AD8602DR Datasheet HTML 7Page - Analog Devices AD8602DR Datasheet HTML 8Page - Analog Devices AD8602DR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8601/AD8602
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Precision CMOS Single Supply
Rail-to-Rail Input/Output Wideband
Operational Amplifiers
FUNCTIONAL BLOCK DIAGRAMS
5-Lead SOT-23
(RT Suffix)
1
2
3
5
4
IN
+IN
V+
OUT A
AD8601
V
8-Lead
SOIC
(RM Suffix)
IN A
IN A
V
OUT B
IN B
+IN B
V
+
1
45
8
AD8602
OUT A
8-Lead SOIC
(R Suffix)
1
2
3
4
8
7
6
5
AD8602
IN A
V
+IN A
OUT B
IN B
V+
+IN B
OUT A
FEATURES
Low Offset Voltage: 500
V Max
Single Supply Operation: 2.7 V to 6 V
Low Supply Current: 750
A/Amplifier
Wide Bandwidth: 8 MHz
Slew Rate: 5 V/ s
Low Distortion
No Phase Reversal
Low Input Currents
Unity Gain Stable
APPLICATIONS
Barcode Scanners
Battery-Powered Instrumentation
Multipole Filters
Sensors
Current Sensing
ASIC Input or Output Amplifier
Audio
GENERAL DESCRIPTION
The AD8601 and AD8602 are single and dual rail-to-rail input
and output single supply amplifiers featuring very low offset voltage
and wide signal bandwidth. These amplifiers use a new, patented
trimming technique that achieves superior performance without
laser trimming. All are fully specified to operate from 3 V to 5 V
single supply.
The combination of low offsets, very low input bias currents, and
high speed make these amplifiers useful in a wide variety of applica-
tions. Filters, integrators, diode amplifiers, shunt current sensors,
and high impedance sensors all benefit from the combination of
performance features. Audio and other ac applications benefit from
the wide bandwidth and low distortion. For the most cost-sensitive
applications the D grades offer this ac performance with lower dc
precision at a lower price point.
Applications for these amplifiers include audio amplification for
portable devices, portable phone headsets, bar code scanners,
portable instruments, and multipole filters.
The ability to swing rail-to-rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in single supply systems.
The AD8601 and AD8602 are specified over the extended industrial
(–40
°C to +125°C) temperature range. The AD8601, single, is avail-
able in the tiny 5-lead SOT-23 package. The AD8602, dual, is avail-
able in 8-lead MSOP and narrow SOIC surface-mount packages.
SOT and
µSOIC versions are available in tape and reel only.


Similar Part No. - AD8602DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8602DR AD-AD8602DR Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602DR AD-AD8602DR Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602DR AD-AD8602DR Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602DR AD-AD8602DR Datasheet
395Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. I
AD8602DR-REEL AD-AD8602DR-REEL Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
More results

Similar Description - AD8602DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com