Electronic Components Datasheet Search
  English  ▼

X  

AD8671 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8671
Description  Precision Very Low Noise Low Input Bias Current Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 1 Page - Analog Devices

  AD8671 Datasheet HTML 1Page - Analog Devices AD8671 Datasheet HTML 2Page - Analog Devices AD8671 Datasheet HTML 3Page - Analog Devices AD8671 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, PO Box 9106, Norwood, MA 02062 - 9106,
USA
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
AD8671/AD8672/AD8674
Rev 0.2
2/21/02
Precision Very Low Noise
Low Input Bias Current
Operational Amplifiers
P
Prre
elliim
miin
na
arry
y Technical Data
AD8671/AD8672/AD8674
FEATURES
Low Noise: 3nV/
√Hz
Wide Bandwidth: 10MHz
Low Input Bias Current: 10nA max.
Low Offset Voltage: 75
µV max.
High open loop gain: 135dB
Low Supply Current: 3 mA/Amp
Dual supply operation: ±5V to ±15V
Unity Gain Stable
No Phase Reversal
APPLICATIONS
PLL filters
Instrumentation
Sensors and Controls
Professional quality audio
GENERAL DESCRIPTION
The AD8671, AD8672 and AD8674 are precision
single, dual and quad amplifiers featuring very low
noise, very low offset voltage and drift, low input bias
current, 10Mhz bandwidth and low power
consumption. Outputs are stable with capacitive loads
of over 100pF. Supply current is less than 3 mA per
amplifier at 30V.
Applications for these amplifiers include high quality
PLL filters, instrumentation--thermocouple, RTD,
strain-bridge and other sensor signal conditioning--
precision filters and professional quality audio.
The AD8671, AD8672 and AD8674 are specified
over the extended industrial (-40° to +125°C)
temperature range. The AD8671, single, is available
in the 8-lead MSOP and 8-lead SOIC packages.
The AD8672, dual, is available in the 8-lead MSOP
and 8-lead SOIC packages. The AD8674, quad, is
available in 14-lead TSSOP and narrow 14-lead SO
packages. Surface mount devices in TSSOP and
MSOP packages are available in tape and reel only.
PIN CONFIGURATIONS
8-Lead MSOP
(RM-8)
8-Lead SO
(R-8)
8-Lead SO
(R-8)
14-Lead TSSOP
(RU-14)
8-Lead MSOP
(RM-8)
14-Lead SO
(R-14)
AD8671
AD8671
AD8672
AD8672
AD8674
AD8674


Similar Part No. - AD8671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8671 AD-AD8671 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8671 AD-AD8671 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8671 AD-AD8671 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
More results

Similar Description - AD8671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP1177 AD-OP1177 Datasheet
245Kb / 20P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
11/01-Data Sheet changed from REV. 0 to REV. A.
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com