Electronic Components Datasheet Search
  English  ▼

X  

AD8671 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8671
Description  Precision Very Low Noise Low Input Bias Current Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 4 Page - Analog Devices

  AD8671 Datasheet HTML 1Page - Analog Devices AD8671 Datasheet HTML 2Page - Analog Devices AD8671 Datasheet HTML 3Page - Analog Devices AD8671 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY TECHNICAL DATA
Preliminary Technical Data
AD8671/AD8672/AD8674
AD8671/AD8672/AD8674
Rev0.2 2/21/02
ABSOLUTE MAXIMUM RATINGS 1
Supply voltage ............................................................................36V
Input Voltage....................................................................Vs- to Vs+
Differential Input Voltage ......................................................... TBD
Output Short -Circuit Duration .......................................... Indefinite
Storage Temperature Range
RM, R, RU Package .......................................-65°C to +150°C
Operating Temperature Range
AD8671/AD8672/AD8674............................-40°C to +125°C
Junction Temperature Range
RM, R, RU Package .......................................-65°C to +150°C
Lead Temperature Range (Soldering, 60 Sec)........................+300°C
Package Type
θJA
θJC
Units
8-pin MSOP (RM)
190
44
°C/W
8-Pin SOIC (R)
158
43
°C/W
14-Pin TSSOP (RU)
180
35
°C/W
14-Pin SOIC (R)
120
36
°C/W
NOTES
1 Absolute maximum ratings apply at 25°C, unless otherwise noted.
2 θ
JA is specified for the worst case conditions, i.e., θJAis specified for device soldered
in circuit board for surface mount packages.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8671ARM
-40°C to +125°C
8-Pin MSOP
RM -8
AD8671AR
-40°C to +125°C
8-Pin SOIC
R-8
AD8672ARM
-40°C to +125°C
8-Pin MSOP
RM -8
AD8672AR
-40°C to +125°C
8-Pin SOIC
R-8
AD8674ARU
-40°C to +125°C
14-Pin TSSOP
RU-14
AD8674AR
-40°C to +125°C
14-Pin SOIC
R-14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com