Electronic Components Datasheet Search
  English  ▼

X  

AD871JD Datasheet(PDF) 7 Page - Analog Devices

Part # AD871JD
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871JD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD871JD Datasheet HTML 3Page - Analog Devices AD871JD Datasheet HTML 4Page - Analog Devices AD871JD Datasheet HTML 5Page - Analog Devices AD871JD Datasheet HTML 6Page - Analog Devices AD871JD Datasheet HTML 7Page - Analog Devices AD871JD Datasheet HTML 8Page - Analog Devices AD871JD Datasheet HTML 9Page - Analog Devices AD871JD Datasheet HTML 10Page - Analog Devices AD871JD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
INPUT FREQUENCY – Hz
10k
100k
10M
1M
69.5
65.5
61.5
63.5
67.5
68.5
66.5
64.5
62.5
–0.5dB
–0.6dB
Figure 2. AD871 S/(N+D) vs. Input Frequency
62
80
98
89
74
92
83
65
77
95
86
68
71
THD
3RD
HARMONIC
2ND
HARMONIC
10k
100k
10M
1M
INPUT FREQUENCY – Hz
Figure 3. AD871 Distortion vs. Input Frequency,
Full-Scale Input
8
5
6
4
7
3
fIN = 1MHz
fIN Amplitude = –0.5dB
THD = –69dB
S/(N+D) = 66dB
SFDR = 70dB
9
2
1
HARMONICS – dB
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
–80
–70
–96
–85
–90
–95
–90
–101
Figure 4. AD871 Typical FFT, fIN = 1 MHz, fIN Amplitude = –0.5 dB
f
IN = 1MHz
f
IN AMPLITUDE = –6.0dB
THD = –77dB
S/(N+D) = 65dB
SFDR = 74dB
1
3
7
2
4
6
9
8
HARMONICS – dB
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
–82
–79
–93
–95
–94
–95
–98
–94
5
Figure 5. AD871 Typical FFT, fIN = 1 MHz, fIN Amplitude = –6 dB
Dynamic Characteristics–Sample Rate: 5 MSPS–AD871
REV. A
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com