Electronic Components Datasheet Search
  English  ▼

X  

AD871JD Datasheet(PDF) 16 Page - Analog Devices

Part # AD871JD
Description  Complete 12-Bit 5 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD871JD Datasheet(HTML) 16 Page - Analog Devices

Back Button AD871JD Datasheet HTML 8Page - Analog Devices AD871JD Datasheet HTML 9Page - Analog Devices AD871JD Datasheet HTML 10Page - Analog Devices AD871JD Datasheet HTML 11Page - Analog Devices AD871JD Datasheet HTML 12Page - Analog Devices AD871JD Datasheet HTML 13Page - Analog Devices AD871JD Datasheet HTML 14Page - Analog Devices AD871JD Datasheet HTML 15Page - Analog Devices AD871JD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD871
REV. A
–16–
AGND
DGND
C6
22 F
FB1
FB2
FB3
C2
0.01 F
C1
0.01 F
TP5
TP4
TP7
C5
22 F
C4
22 F
TP6
TP3
REF GND
REF IN
REF OUT
TP1
49.9
C20
10pF
1
2
C21
1 F
C7
10 F
C18
0.1 F
1
2
3
4
8
7
6
5
4
5
7
6
AGND
DGND
DGND
C16
0.1 F
9
8
3
TP2
R2
49.9
R3
10
3
4
5
6
1
2
U3
74HC04
P1
40-PIN
IDC CONN.
40
1
GND
U2
REF43
JP
11
*
*NOTE: JP11 SHOULD BE OPEN
AD871
C15
0.1 F
C13
0.1 F
C14
0.1 F
C17
0.1 F
C11
0.1 F
C12
0.1 F
C22
0.1 F
C3
0.01 F
C10
0.1 F
C9
0.1 F
C8
0.1 F
CLK
OTR
MSB
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 11
BIT 10
BIT 12
AGND
VINA
VINB
+5D
+5A
+5D
22
23
21
20
JP5
JP6
JP8
JP7
JP9
JP10
JP3
JP4
AVDD
DVDD
DRVDD
R1
ANALOG IN
J1
JP1
JP2
27
28
26
AVSS
AVSS
25
24
19
18
17
16
15
14
13
12
11
10
VOUT
VIN
+5A
+5A
–5A
+5D
+5VA
–5VA
+5VD
–5A
R17 20
R5 20
R4
R6 20
R7 20
R8 20
R9 20
R10 20
R11 20
R12 20
R13 20
R14 20
R15 20
R16 20
CLOCK INPUT
J2
Figure 34. AD872/AD871 Evaluation Board Schematic
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Side Brazed Ceramic DIP (D-28)
0.610 (15.49)
0.500 (12.70)
14
0.100 (2.54) MAX
15
PIN 1
1
0.005 (0.13) MIN
28
0.225
(5.72)
MAX
0.200 (5.08)
0.125 (3.18)
0.026 (0.66)
0.014 (0.36)
1.490 (37.85) MAX
0.110 (2.79)
0.090 (2.29)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
44-Terminal LCC (E-44A)
0.100 (2.54)
0.064 (1.63)
0.075 (1.91) REF
0.055 (1.40)
0.045 (1.14)
0.050
(1.27)
BSC
TOP VIEW
1
28
18
0.040 (1.02)
REF x 45
°
3 PLACES
0.028 (0.71)
0.022 (0.56)
0.020 (0.51)
REF x 45
°
6
40
0.662 (16.82)
0.640 (16.27)
SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com