Electronic Components Datasheet Search
  English  ▼

X  

AD8801 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8801
Description  Octal 8-Bit TrimDAC with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8801 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8801 Datasheet HTML 4Page - Analog Devices AD8801 Datasheet HTML 5Page - Analog Devices AD8801 Datasheet HTML 6Page - Analog Devices AD8801 Datasheet HTML 7Page - Analog Devices AD8801 Datasheet HTML 8Page - Analog Devices AD8801 Datasheet HTML 9Page - Analog Devices AD8801 Datasheet HTML 10Page - Analog Devices AD8801 Datasheet HTML 11Page - Analog Devices AD8801 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
AD8801/AD8803
HOURS OF OPERATION AT 150
°C
0.04
–0.04
0
600
150
300
450
0
–0.02
0.02
VDD = +4.5V
VREF = +4.5V
SS = 162 PCS
x + 2
σ
x
x – 2
σ
Figure 19. Full-Scale Error Accelerated by Burn-In
HOURS OF OPERATION AT 150
°C
1.0
–1.0
0
600
150
300
450
0
–0.5
0.5
VDD = +4.5V
VREF = +4.5V
CODE = 55H
SS = 162 PCS
x + 2
σ
x
x – 2
σ
Figure 20. REF Input Resistance Accelerated by Burn-In
AD8801/
AD8803
VDD
DGND
10µF
0.1µF
+
+5V
Figure 22. Recommended Supply Bypassing for the
AD8801/AD8803
Buffering the AD8801/AD8803 Output
In many cases, the nominal 5 k
Ω output impedance of the
AD8801/AD8803 is sufficient to drive succeeding circuitry. If a
lower output impedance is required, an external amplifier can
be added. Several examples are shown in Figure 23. One ampli-
fier of an OP291 is used as a simple buffer to reduce the output
resistance of DAC A. The OP291 was chosen primarily for its
rail-to-rail input and output operation, but it also offers opera-
tion to less than 3 V, low offset voltage, and low supply current.
The next two DACs, B and C, are configured in a summing ar-
rangement where DAC C provides the coarse output voltage
setting and DAC B can be used for fine adjustment. The inser-
tion of R1 in series with DAC B attenuates its contribution to
the voltage sum node at the DAC C output.
APPLICATIONS
Supply Bypassing
Precision analog products, such as the AD8801/AD8803, re-
quire a well filtered power source. Since the AD8801/AD8803
operate from a single +3 V to +5 V supply, it seems convenient
to simply tap into the digital logic power supply. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches hundred of millivolts in amplitude due to
wiring resistances and inductances.
If possible, the AD8801/AD8803 should be powered directly
from the system power supply. This arrangement, shown in Fig-
ure 21, will isolate the analog section from the logic switching
transients. Even if a separate power supply trace is not available,
however, generous supply bypassing will reduce supply-line in-
duced errors. Local supply bypassing consisting of a 10
µF tan-
talum electrolytic in parallel with a 0.1
µF ceramic capacitor is
recommended (Figure 22).
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
10µF
TANT
0.1µF
AD8801/
AD8803
+
Figure 21. Use Separate Traces to Reduce Power Supply
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com