Electronic Components Datasheet Search
  English  ▼

X  

AD8801 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8801
Description  Octal 8-Bit TrimDAC with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8801 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8801 Datasheet HTML 5Page - Analog Devices AD8801 Datasheet HTML 6Page - Analog Devices AD8801 Datasheet HTML 7Page - Analog Devices AD8801 Datasheet HTML 8Page - Analog Devices AD8801 Datasheet HTML 9Page - Analog Devices AD8801 Datasheet HTML 10Page - Analog Devices AD8801 Datasheet HTML 11Page - Analog Devices AD8801 Datasheet HTML 12Page - Analog Devices AD8801 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8801/AD8803
REV. A
–9–
VH
VL
VH
VL
VH
VL
VREFH VDD
+5V
GND
VREFL
DIGITAL INTERFACING
OMITTED FOR CLARITY
R1
100k
Ω
OP291
AD8801/
AD8803
SIMPLE BUFFER
0V TO 5V
SUMMER CIRCUIT
WITH FINE TRIM
ADJUSTMENT
Figure 23. Buffering the AD8801/AD8803 Output
Increasing Output Voltage Swing
An external amplifier can also be used to extend the output volt-
age swing beyond the power supply rails of the AD8801/AD8803.
This technique permits an easy digital interface for the DAC,
while expanding the output swing to take advantage of higher
voltage external power supplies. For example, DAC A of Fig-
ure 24 is configured to swing from –5 V to +5 V. The actual
output voltage is given by:
VOUT = 1 +
R
F
RS
 ×
D
256
× 5V
()–5V
Where D is the DAC input value (i.e., 0 to 255). This circuit
can be combined with the “fine/coarse” circuit of Figure 23 if,
for example, a very accurate adjustment around 0 V is desired.
A
VDD
VREFH
GND
VREFL
AD8801/
AD8803
B
+5V
+12V
–5V
OP191
OP193
RF
100k
Ω
RS
100k
Ω
–5V TO +4.98V
0V TO +10V
100k
Ω
100k
Ω
+5V
Figure 24. Increasing Output Voltage Swing
DAC B of Figure 24 is in a noninverting gain of two configura-
tion, which increases the available output swing to +10 V. The
feedback resistors can be adjusted to provide any scaling of the
output voltage, within the limits of the external op amp power
supplies.
Microcomputer Interfaces
The AD8801/AD8803 serial data input provides an easy inter-
face to a variety of single-chip microcomputers (
µCs). Many µCs
have a built-in serial data capability that can be used for com-
municating with the DAC. In cases where no serial port is pro-
vided, or it is being used for some other purpose (such as an
RS-232 communications interface), the AD8801/AD8803 can
easily be addressed in software.
Eleven data bits are required to load a value into the AD8801/
AD8803 (3 bits for the DAC address and 8 bits for the DAC
value). If more than 11 bits are transmitted before the Chip Se-
lect input goes high, the extra (i.e., the most-significant) bits are
ignored. This feature is valuable because most
µCs only transmit
data in 8-bit increments. Thus, the
µC will send 16 bits to the
DAC instead of 11 bits. The AD8801/AD8803 will only re-
spond to the last 11 bits clocked into the SDI input, however, so
the serial data interface is not affected.
An 8051
µC Interface
A typical interface between the AD8801/AD8803 and an 8051
µC is shown in Figure 25. This interface uses the 8051’s internal
serial port. The serial port is programmed for Mode 0 opera-
tion, which functions as a simple 8-bit shift register. The 8051’s
Port3.0 pin functions as the serial data output, while Port3.1
serves as the serial clock.
O1
O2
O3
O4
O5
O6
O7
O8
SDI
SCLK
RESET
SHDN
CS
VDD VREFH
GND
AD8801
+5V
P3.0
P3.1
P1.3
P1.2
P1.1
SERIAL DATA SHIFT REGISTER
RxD
TxD
SHIFT CLOCK
1.1
1.2
1.3
PORT 1
SBUF
8051 µC
0.1µF
10µF
+
Figure 25. Interfacing the 8051
µC to an AD8801/AD8803,
Using the Serial Port
When data is written to the Serial Buffer Register (SBUF, at
Special Function Register location 99H), the data is automati-
cally converted to serial format and clocked out via Port3.0 and
Port3.1. After 8 bits have been transmitted, the Transmit Inter-
rupt flag (SCON.1) is set and the next 8 bits can be transmitted.
The AD8801 and AD8803 require the Chip Select to go low at
the beginning of the serial data transfer. In addition, the SCLK
input must be high when the Chip Select input goes high at the
end of the transfer. The 8051’s serial clock meets this require-
ment, since Port3.1 both begins and ends the serial data in the
high state.
Software for the 8051 Interface
A software routine for the AD8801/AD8803 to 8051 interface is
shown in Listing 1. The routine transfers the 8-bit data stored at
data memory location DAC_VALUE to the AD8801/AD8803
DAC addressed by the contents of location DAC_ADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com