Electronic Components Datasheet Search
  English  ▼

X  

AD8802 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8802
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8802 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8802 Datasheet HTML 4Page - Analog Devices AD8802 Datasheet HTML 5Page - Analog Devices AD8802 Datasheet HTML 6Page - Analog Devices AD8802 Datasheet HTML 7Page - Analog Devices AD8802 Datasheet HTML 8Page - Analog Devices AD8802 Datasheet HTML 9Page - Analog Devices AD8802 Datasheet HTML 10Page - Analog Devices AD8802 Datasheet HTML 11Page - Analog Devices AD8802 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8802/AD8804
REV. 0
–8–
...
DAC 12
ADDR
DECODE
SERIAL
REGISTER
CS
CLK
SDI
DAC 2
DAC 1
Figure 18. Equivalent Control Logic
The target DAC register is loaded with the last eight bits of the
serial data-word completing one DAC update. Twelve separate
12-bit data words must be clocked in to change all twelve out-
put settings.
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure shown in Figure 19. Applies to
digital input pins CS, SDI, RS, SHDN, CLK
LOGIC
1k
Ω
Figure 19. Equivalent ESD Protection Circuit
Digital inputs can be driven by voltages exceeding the AD8802/
AD8804 VDD supply value. This allows 5 V logic to interface
directly to the part when it is operated at 3 V.
APPLICATIONS
Supply Bypassing
Precision analog products, such as the AD8802/AD8804, re-
quire a well filtered power source. Since the AD8802/AD8804
operate from a single +3 V to +5 V supply, it seems convenient
to simply tap into the digital logic power supply. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches hundred of millivolts in amplitude due to
wiring resistances and inductances.
If possible, the AD8802/AD8804 should be powered directly
from the system power supply. This arrangement, shown in Fig-
ure 20, will isolate the analog section from the logic switching
transients. Even if a separate power supply trace is not available,
however, generous supply bypassing will reduce supply-line in-
duced errors. Local supply bypassing consisting of a 10
µF tan-
talum electrolytic in parallel with a 0.1
µF ceramic capacitor is
recommended (Figure 21).
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
10µF
TANT
0.1µF
+
AD8802/
AD8804
Figure 20. Use Separate Traces to Reduce Power Supply
Noise
AD8802/
AD8804
VDD
DGND
10µF
0.1µF
+
+5V
Figure 21. Recommended Supply Bypassing for the
AD8802/AD8804
Buffering the AD8802/AD8804 Output
In many cases, the nominal 5 k
Ω output impedance of the
AD8802/AD8804 is sufficient to drive succeeding circuitry. If a
lower output impedance is required, an external amplifier can
be added. Several examples are shown in Figure 22. One ampli-
fier of an OP291 is used as a simple buffer to reduce the output
resistance of DAC A. The OP291 was chosen primarily for its
rail-to-rail input and output operation, but it also offers opera-
tion to less than 3 V, low offset voltage, and low supply current.
The next two DACs, B and C, are configured in a summing
arrangement where DAC C provides the coarse output voltage
setting and DAC B can be used for fine adjustment. The inser-
tion of R1 in series with DAC B attenuates its contribution to
the voltage sum node at the DAC C output.
VH
VL
VREFH
VDD
+5V
GND
VREFL
DIGITAL INTERFACING
OMITTED FOR CLARITY
R1
100k
Ω
OP291
AD8802/
AD8804
SIMPLE BUFFER
0V TO 5V
SUMMER CIRCUIT
WITH FINE TRIM
ADJUSTMENT
VH
VL
VH
VL
Figure 22. Buffering the AD8802/AD8804 Output
Increasing Output Voltage Swing
An external amplifier can also be used to extend the output volt-
age swing beyond the power supply rails of the AD8802/AD8804.
This technique permits an easy digital interface for the DAC,
while expanding the output swing to take advantage of higher
voltage external power supplies. For example, DAC A of Fig-
ure 23 is configured to swing from –5 V to +5 V. The actual
output voltage is given by:
VOUT = 1 +
R
F
RS
 ×
D
256
× 5V
()–5V
where D is the DAC input value (i.e., 0 to 255). This circuit can
be combined with the “fine/coarse” circuit of Figure 22 if, for
example, a very accurate adjustment around 0 V is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com