Electronic Components Datasheet Search
  English  ▼

X  

AD8802 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8802
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8802 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8802 Datasheet HTML 8Page - Analog Devices AD8802 Datasheet HTML 9Page - Analog Devices AD8802 Datasheet HTML 10Page - Analog Devices AD8802 Datasheet HTML 11Page - Analog Devices AD8802 Datasheet HTML 12Page - Analog Devices AD8802 Datasheet HTML 13Page - Analog Devices AD8802 Datasheet HTML 14Page - Analog Devices AD8802 Datasheet HTML 15Page - Analog Devices AD8802 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8802/AD8804
REV. 0
–14–
USER
INPUTS
3
TO 2nd AD8802/4
ARRAY IF NEEDED
TO 2nd TEMP SENSOR
IF NEEDED
4
TO 3rd TEMP SENSOR
IF NEEDED
4
0.1µF
10µF
+5V
+5V
0.1µF
TMP14
0.01µF
3
VCC
OUT
RS
DIS
THR
TRIG
GND
AD8802/4
TLC555
2.5 VREF
SET 1
SET 2
SET 3
SET 4
HYS
TRIP 1
TRIP 2
TRIP 3
TRIP 4
V+
GND
SLEEP
O1
O3
O4
O2
05–8
09–12
VDD
GND
SHDN
CS
CLK
SDI
P2.0
P2.1
P2.2
P2.3
P2.4
80CL51 µC
P1.0/INT2
P0.0
P0.7
P3.2
P3.1
P3.0
P3.3
VREFH
+5V
Figure 27. Temperature Sensor Array with Programmable Setpoints
The gain of the SSM2018T is controlled by the voltage at Pin 11.
For maximum attenuation of –100 dB a control signal of 3.0 V
typ is necessary. The control signal has a scale of –30 mV/dB
centered around 0 dB gain for 0 V of control voltage, therefore,
for a maximum gain of 40 dB a control voltage of –1.2 volts is
necessary. Now notice that the normal +5 V to GND voltage
range of the AD8802/AD8804 does not cover the 3.0 V to
–1.2 V operational gain control range of the SSM2018T. To
cover the operating gain range fully and not exceed the maxi-
mum specified power supply rating requires the O1 output of
AD8802/AD8804 to be level shifted down. In Figure 28, the
level shifting is accomplished by a Zener diode and 1/4 of an
OP420 quad op amp. For applications that require only
TMP14, and makes the necessary adjustments to the AD8802/
AD8804 before shutting down again. The 80CL51 consumes
only 50
µA when operating at 32 kHz, in which case there
would be no need for the TLC555, which consumes 1 mW typ.
12 Channel Programmable Voltage Controlled Amplifier
The SSM2018T is a trimless Voltage Controlled Amplifier
(VCA) for volume control in audio systems. The SSM2018T is
the first professional quality audio VCA in the marketplace that
does not require an external trimming potentiometer to mini-
mize distortion. The TrimDAC shown in Figure 28 is not being
used to trim distortion, but rather to control the gain of the am-
plifier. In this configuration up to twelve SSM2018T can be
digitally controlled. (Please refer to the SSM2018T data sheet
for more specifications and applications information.)
–15V
RO
150k
Ω
+V
50pF
18k
Ω
18k
Ω
1µF
18k
Ω
1µF
+15V
8
1
2
3
4
7
6
5
14
13
12
11
16
15
10
9
SSM2018T
OP420A
1.2V
+15V
50k
Ω
OPTIONAL FOR
0 TO 40dB GAIN
VOUT
O1
VREFH
O2–
O12
TO 8 MORE CHANNELS
O2
O3
O4–O12
CS
CLK
SDI
3
TO µC
1µF
VREFL
(AD8804
ONLY)
OUT
IN
GND
REF195
V+
GND
+15V
AD8802/4
47pF
NC
Figure 28. 12-Channel Programmable Voltage Controlled Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com