Electronic Components Datasheet Search
  English  ▼

X  

AOC2421 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOC2421
Description  8V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2421 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOC2421 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOC2421
8V P-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=-2.5V)
-2.5A
RDS(ON) (at VGS=-2.5V)
< 60m
Ω
RDS(ON) (at VGS=-1.8V)
< 72m
Ω
RDS(ON) (at VGS=-1.5V)
< 85m
Ω
RDS(ON) (at VGS=-1.2V)
< 115m
Ω
Typical ESD protection
HBM Class 2
The AOC2421 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 1.2V while retaining a 5V
VGS(MAX) rating.
Absolute Maximum Ratings TA=25°C unless otherwise noted
-8V
Top View
Bottom View
Pin1(G)
S
G
D
G
D
2
3
1
4
S
S
MCSP 0.97x0.97A_4
Top View
Bottom View
Symbol
VDS
VGS
TA=25°C
ID
IDM
TA=25°C
PD
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Note 1. Mounted on minimum pad PCB
Note 2. PW <300 µs pulses, duty cycle 0.5% max
140
Units
Max
°C/W
Source Current (DC)
Note1
Power Dissipation
Note1
Parameter
Junction and Storage Temperature Range
-55 to 150
0.6
W
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Drain-Source Voltage
-8
A
-2.5
-25
V
±5
Gate-Source Voltage
Source Current (Pulse)
Note2
Maximum Junction-to-Ambient
A D
200
Maximum Junction-to-Ambient
A
°C
Thermal Characteristics
Typ
°C/W
RθJA
110
160
Rev 0 : Nov. 2012
www.aosmd.com
Page 1 of 5


Similar Part No. - AOC2421

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
8V N-Channel MOSFET
AOC2423 AOSMD-AOC2423 Datasheet
255Kb / 5P
20V P-Channel MOSFET
More results

Similar Description - AOC2421

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
8V N-Channel MOSFET
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
8V N-Channel MOSFET
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
8V N-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
8V P-Channel MOSFET
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
8V P-Channel Enhancement-Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com