Electronic Components Datasheet Search
  English  ▼

X  

AOC2421 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOC2421
Description  8V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2421 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOC2421 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2421 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AOC2421
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
D U T
V gs
D io d e R eco very T est C ircu it & W a vefo rm s
V ds +
rr
Q
= -
Idt
-
+
V D C
D U T
V d d
V g s
V ds
V g s
R L
R g
V gs
V d s
1 0%
90 %
R e s istiv e S w itch in g T e st C ircu it & W a ve fo rm s
t
t r
d (o n )
t
o n
t
d (o ff)
t f
t
o ff
Ig
V gs
-
+
VD C
L
V ds
Isd
Isd
V ds -
I F
dI/dt
I RM
V dd
V dd
t
rr
Rev 0: Nov. 2012
www.aosmd.com
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com