Electronic Components Datasheet Search
  English  ▼

X  

OP27GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP27GP
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP27GP Datasheet HTML 3Page - Analog Devices OP27GP Datasheet HTML 4Page - Analog Devices OP27GP Datasheet HTML 5Page - Analog Devices OP27GP Datasheet HTML 6Page - Analog Devices OP27GP Datasheet HTML 7Page - Analog Devices OP27GP Datasheet HTML 8Page - Analog Devices OP27GP Datasheet HTML 9Page - Analog Devices OP27GP Datasheet HTML 10Page - Analog Devices OP27GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
OP27
–7–
Package Type
JA
3
JC
Unit
TO 99 (J)
150
18
°C/W
8-Lead Hermetic DlP (Z)
148
16
°C/W
8-Lead Plastic DIP (P)
103
43
°C/W
20-Contact LCC (RC)
98
38
°C/W
8-Lead SO (S)
158
43
°C/W
NOTES
1For supply voltages less than
± 22 V, the absolute maximum input voltage is
equal to the supply voltage.
2The OP27’s inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input voltage
exceeds
± 0.7 V, the input current should be limited to 25 mA.
3
JA is specified for worst-case mounting conditions, i.e.,
JA is specified for
device in socket for TO, CERDIP, and P-DIP packages; JA is specified for
device soldered to printed circuit board for SO package.
4Absolute Maximum Ratings apply to both DICE and packaged parts, unless
otherwise noted.
ABSOLUTE MAXIMUM RATINGS
4
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . .
±0.7 V
Differential Input Current
2
. . . . . . . . . . . . . . . . . . . .
±25 mA
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP27A, OP27C (J, Z) . . . . . . . . . . . . . . . . –55
°C to +125°C
OP27E, OP27F (J, Z) . . . . . . . . . . . . . . . . . –25
°C to +85°C
OP27E, OP27F (P) . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
OP27G (P, S, J, Z) . . . . . . . . . . . . . . . . . .
–40
°C to +85°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
Junction Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
ORDERING INFORMATION
1
Package
TA = 25
°C
Operating
VOS Max
CERDIP
Plastic
Temperature
(
µV)
TO-99
8-Lead
8-Lead
Range
25
OP27AJ
2, 3
OP27AZ
2
MIL
25
OP27EJ
2, 3
OP27EZ
OP27EP
IND/COM
60
OP27FP
3
IND/COM
100
OP27CZ
3
MIL
100
OP27GJ
OP27GZ
OP27GP
XIND
100
OP27GS
4
XIND
NOTES
1Burn-in is available on commercial and industrial temperature range parts in CERDIP, plastic
DIP, and TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add /883 after part number.
Consult factory for 883 data sheet.
3Not for new design; obsolete April 2002.
4For availability and burn-in information on SO and PLCC packages, contact your local
sales office.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP27 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(Continued from page 1)
PSRR and CMRR exceed 120 dB. These characteristics, coupled
with long-term drift of 0.2
µV/month, allow the circuit designer
to achieve performance levels previously attained only by dis-
crete designs.
Low-cost, high-volume production of OP27 is achieved by
using an on-chip Zener zap-trimming network. This reliable
and stable offset trimming scheme has proved its effectiveness
over many years of production history.
The OP27 provides excellent performance in low-noise, high-
accuracy amplification of low-level signals. Applications include
stable integrators, precision summing amplifiers, precision voltage-
threshold detectors, comparators, and professional audio circuits
such as tape-head and microphone preamplifiers.
The OP27 is a direct replacement for 725, OP06, OP07, and
OP45 amplifiers; 741 types may be directly replaced by remov-
ing the 741’s nulling potentiometer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com