Electronic Components Datasheet Search
  English  ▼

X  

OP27GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP27GP
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GP Datasheet(HTML) 4 Page - Analog Devices

  OP27GP Datasheet HTML 1Page - Analog Devices OP27GP Datasheet HTML 2Page - Analog Devices OP27GP Datasheet HTML 3Page - Analog Devices OP27GP Datasheet HTML 4Page - Analog Devices OP27GP Datasheet HTML 5Page - Analog Devices OP27GP Datasheet HTML 6Page - Analog Devices OP27GP Datasheet HTML 7Page - Analog Devices OP27GP Datasheet HTML 8Page - Analog Devices OP27GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
OP27
ELECTRICAL CHARACTERISTICS
(@ VS =
±15 V, –25 C¯≤ TA ≤ 85 C for OP27J, OP27Z, 0 C ≤ TA ≤ 70 C for OP27EP,
OP27FP, and –40 C
≤ TA ≤ 85 C for OP27GP, OP27GS, unless otherwise noted.)
OP27E
OP27F
OP27G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT ONSET
VOLTAGE
VOS
20
50
40
140
55
220
µV
AVERAGE INPUT
OFFSET DRIFT
TCVOS
1
0.2
0.6
0.3
1.3
0 4
1.8
µV/°C
TCVOSn
2
0.2
0.6
0.3
1.3
0 4
1.8
µV/°C
INPUT OFFSET
CURRENT
IOS
10
50
14
85
20
135
nA
INPUT BIAS
CURRENT
IB
±14
±60
±18
±95
±25
±150 nA
INPUT VOLTAGE
RANGE
IVR
±10.5
±11.8
±10.5 ±11.8
±10.5 ±11.8
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
±10 V
110
124
102
121
96
118
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V
2
15
2
16
2
32
µV/V
to
±18 V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 kΩ,
VO =
±10 V
750
1500
700
1300
450
1000
V/mV
OUTPUT
VOLTAGE SWING
VO
RL
≥ 2 kΩ±11.7
±13.6
±11.4 ±13.5
±11.0 ±13.3
V
NOTES
1The TCV
OS performance is within the specifications unnulled or when nulled with R P = 8 k
Ω to 20 kΩ. TCV
OS is 100% tested for A/E grades, sample tested for
C/F/G grades.
2Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com