Electronic Components Datasheet Search
  English  ▼

X  

AD9059 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9059
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9059 Datasheet HTML 2Page - Analog Devices AD9059 Datasheet HTML 3Page - Analog Devices AD9059 Datasheet HTML 4Page - Analog Devices AD9059 Datasheet HTML 5Page - Analog Devices AD9059 Datasheet HTML 6Page - Analog Devices AD9059 Datasheet HTML 7Page - Analog Devices AD9059 Datasheet HTML 8Page - Analog Devices AD9059 Datasheet HTML 9Page - Analog Devices AD9059 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9059
–6–
REV. 0
ENCODE RATE – MSPS
600
400
250
5
1020
3040
5060
708090
550
500
350
300
450
AIN = 10.3MHz, –0.5dBFS
VDD = +5V
VDD = +3V
Figure 8. Power Dissipation vs. Encode Rate
TEMPERATURE –
°C
45.5
45.0
41.5
–45
90
025
70
43.5
43.0
42.5
42.0
44.5
44.0
SNR
SINAD
ENCODE = 60MSPS
AIN = 10.3MHz, –0.5dBFS
Figure 9. SINAD/SNR vs. Temperature
TEMPERATURE –
°C
0
–0.2
–1.8
–45
90
025
70
–0.8
–1.2
–1.4
–1.6
–0.4
–0.6
–1.0
Figure 10. ADC Gain vs. Temperature (With External
+2.5 V Reference)
TEMPERATURE –
°C
10
9.5
–45
90
025
70
8.0
6.5
6.0
9.0
8.5
7.0
7.5
VDD = +5V
VDD = +3V
11
12
Figure 11. tPD vs. Temperature/Supply (+3 V/+5 V)
ENCODE HIGH PULSE WIDTH – ns
46
45.5
40.5
5.8
10.9
44.5
44
43.5
43
45
41
41.5
42
42.5
6.7
7.5
8.35
9.2
10
SNR
ENCODE = 60MSPS
AIN = 10.3MHz, –0.5dBFS
SINAD
Figure 12. SINAD/SNR vs. Encode Pulse Width
ANALOG FREQUENCY – MHz
0
–2
1
500
10
100
–4
–6
–8
–10
ENCODE = 60MSPS
AIN = –0..5dBFS
–1
–3
–5
–9
–7
25
20
50
200
Figure 13. ADC Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com