Electronic Components Datasheet Search
  English  ▼

X  

AD9059 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9059
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059 Datasheet(HTML) 3 Page - Analog Devices

  AD9059 Datasheet HTML 1Page - Analog Devices AD9059 Datasheet HTML 2Page - Analog Devices AD9059 Datasheet HTML 3Page - Analog Devices AD9059 Datasheet HTML 4Page - Analog Devices AD9059 Datasheet HTML 5Page - Analog Devices AD9059 Datasheet HTML 6Page - Analog Devices AD9059 Datasheet HTML 7Page - Analog Devices AD9059 Datasheet HTML 8Page - Analog Devices AD9059 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9059BRS
Parameter
Temp
Test Level
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage
Full
VI
2.0
V
Logic “0” Voltage
Full
VI
0.8
V
Logic “1” Current
Full
VI
±1
µA
Logic “0” Current
Full
VI
±1
µA
Input Capacitance
+25
°C
V
4.5
pF
Encode Pulse Width High (tEH)
+25
°C
IV
6.7
166
ns
Encode Pulse Width Low (tEL)
+25
°C
IV
6.7
166
ns
DIGITAL OUTPUTS
Logic “1” Voltage (VDD = +3 V)
Full
VI
2.95
V
Logic “1” Voltage (VDD = +5 V)
Full
IV
4.95
V
Logic “0” Voltage (VDD = +3 V or +5 V)
Full
VI
0.05
V
Output Coding
Offset Binary Code
POWER SUPPLY
VD Supply Current (VD = +5 V)
Full
VI
72
92
mA
VDD Supply Current (VDD = +3 V)
4
Full
VI
13
15
mA
Power Dissipation
5, 6
Full
VI
400
505
mW
Power-Down Dissipation
Full
VI
6
12
mW
Power Supply Rejection Ratio (PSRR)
+25
°C
I
15
mV/V
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed +2.5 V external reference).
2t
V and tPD are measured from the 1.5 V level of the ENCODE to the 10%/90% levels of the digital output swing. The digital output load during test is not to exceed
an ac load of 10 pF or a dc current of
±40 µA.
3SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 1.0 V full-scale input range.
4Digital supply current based on V
DD = +3 V output drive with <10 pF loading under dynamic test conditions.
5Power dissipation is based on 60 MSPS encode and 10.3 MHz analog input dynamic test conditions (V
D = +5 V ± 5%, VDD = +3 V ± 5%).
6Typical thermal impedance for the RS style (SSOP) 28-pin package:
θ
JC = 39°C/W, θCA = 70°C/W, θJA = 109°C/W.
Specifications subject to change without notice.
AD9059
–3–
REV. 0
EXPLANATION OF TEST LEVELS
Test Level
I
–
100% production tested.
II
–
100% production tested at +25
°C and sample tested at
specified temperatures.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characteriza-
tion testing.
V
–
Parameter is a typical value only.
VI –
100% production tested at +25
°C; guaranteed by
design and characterization testing for industrial tem-
perature range.
ABSOLUTE MAXIMUM RATINGS*
VD, VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
AD9059BRS
– 40
°C to +85°C
RS-28
AD9059/PCB
+25
°C
Evaluation Board
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9059 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com