Electronic Components Datasheet Search
  English  ▼

X  

AOD424 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD424
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD424 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD424 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD424
20V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=4.5V)
45A
RDS(ON) (at VGS=4.5V)
< 4.4m
Ω
RDS(ON) (at VGS=2.5V)
< 5.7m
Ω
100% UIS Tested
100% Rg Tested
Symbol
VDS
Drain-Source Voltage
20
The AOD424 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
20V
G
D
S
TO252
DPAK
Top View
Bottom View
G
S
D
G
S
D
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1.2
50
1.5
Power Dissipation
A
PDSM
W
TA=70°C
100
1.6
TA=25°C
Continuous Drain
Current
162
18
57
Avalanche energy L=0.1mH
C
W
A
TA=70°C
160
Pulsed Drain Current
C
Continuous Drain
Current
G
ID
45
35
TC=25°C
TC=100°C
Drain-Source Voltage
20
V
mJ
Avalanche Current
C
15
A
V
±12
Gate-Source Voltage
A
TA=25°C
IDSM
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
16
41
20
Parameter
Typ
Max
TC=25°C
2.5
50
TC=100°C
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
B
PD
G
D
S
TO252
DPAK
Top View
Bottom View
G
S
D
G
S
D
Rev 0: February 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD424

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD424 VBSEMI-AOD424 Datasheet
916Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
Inchange Semiconductor ...
AOD424 ISC-AOD424 Datasheet
308Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD424 DOINGTER-AOD424 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
AOD424G ISC-AOD424G Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOD424

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com