Electronic Components Datasheet Search
  English  ▼

X  

AOD424 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD424
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD424 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD424 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD424 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD424
Symbol
Min
Typ
Max
Units
BVDSS
20
V
VDS=20V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
0.5
1
1.6
V
ID(ON)
160
A
3.6
4.4
TJ=125°C
5.1
6.2
4.5
5.7
m
Ω
gFS
105
S
VSD
0.7
1
V
IS
45
A
Ciss
3080
3860
4630
pF
Coss
520
740
960
pF
Crss
350
580
810
pF
Rg
0.6
1.4
2.1
Ω
Qg(4.5V)
28
36
43
nC
Qgs
9
nC
Qgd
12
nC
tD(on)
7
ns
tr
8
ns
t
70
ns
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=4.5V, ID=20A
On state drain current
VGS=2.5V, ID=20A
Forward Transconductance
Diode Forward Voltage
VGS=10V, VDS=10V, RL=0.5Ω,
R
=3
Ω
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
RDS(ON)
Static Drain-Source On-Resistance
IDSS
Reverse Transfer Capacitance
VGS=0V, VDS=10V, f=1MHz
Turn-Off DelayTime
VGS=10V, VDS=10V, ID=20A
Gate Source Charge
Gate Drain Charge
Gate resistance
IS=1A,VGS=0V
VDS=5V, ID=20A
SWITCHING PARAMETERS
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
tD(off)
70
ns
tf
18
ns
trr
13
17
20
ns
Qrr
29
36
43
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: February 2011
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com