Electronic Components Datasheet Search
  English  ▼

X  

AD9201 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9201
Description  Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9201 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9201 Datasheet HTML 7Page - Analog Devices AD9201 Datasheet HTML 8Page - Analog Devices AD9201 Datasheet HTML 9Page - Analog Devices AD9201 Datasheet HTML 10Page - Analog Devices AD9201 Datasheet HTML 11Page - Analog Devices AD9201 Datasheet HTML 12Page - Analog Devices AD9201 Datasheet HTML 13Page - Analog Devices AD9201 Datasheet HTML 14Page - Analog Devices AD9201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9201
–11–
REV. D
QREFT
QREFB
IREFT
0.1 F
10 F
0.1 F
0.1 F
AD9201
REFSENSE
AVSS
1V
0.1 F
10 F
IREFB
VREF
0.1 F
0.1 F
10k
10k
ADC
CORE
INTERNAL
CONTROL
LOGIC
10 F
0.1 F
Figure 26. Reference Buffer Equivalent Circuit and Exter-
nal Decoupling Recommendation
For best results in both noise suppression and robustness
against crosstalk, the 4 capacitor buffer decoupling arrangement
shown in Figure 26 is recommended. This decoupling should
feature chip capacitors located close to the converter IC. The
capacitors are connected to either IREFT/IREFB or QREFT/
QREFB. A connection to both sides is not required.
DRIVING THE AD9201
Figure 27 illustrates the use of an AD8051 to drive the AD9201.
Even though the AD8051 is specified with 3 V and 5 V power,
the best results are obtained at
±5 V power. The ADC input
span is 2 V.
ADC
17
16
1k
VREF
AD8051
3
2
50
1k
1k
6
22
22
0.33 F
0.01 F
10pF
10pF
24
Figure 27.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0.0E+0
2.0E+6
1.0E+6
4.0E+6
6.0E+6
8.0E+6
10.0E+6
3.0E+6
5.0E+6
7.0E+6
9.0E+6
FUND
2ND
3RD
4TH
5TH
6TH
7TH
8TH
Figure 28. AD8051/AD9201 Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com