Electronic Components Datasheet Search
  English  ▼

X  

AD9201 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9201
Description  Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9201 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9201 Datasheet HTML 8Page - Analog Devices AD9201 Datasheet HTML 9Page - Analog Devices AD9201 Datasheet HTML 10Page - Analog Devices AD9201 Datasheet HTML 11Page - Analog Devices AD9201 Datasheet HTML 12Page - Analog Devices AD9201 Datasheet HTML 13Page - Analog Devices AD9201 Datasheet HTML 14Page - Analog Devices AD9201 Datasheet HTML 15Page - Analog Devices AD9201 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9201
–12–
REV. D
COMMON-MODE LEVEL – V
–30
–35
–80
–0.5
1.5
0
0.5
1.0
–50
–65
–70
–75
–40
–45
–60
–55
1V SPAN
2V SPAN
a. Differential Input, 3 V Supplies
COMMON-MODE LEVEL – V
–30
–35
–80
–0.5
2.5
0
0.5
1.0
–50
–65
–70
–75
–40
–45
–60
–55
1.5
2.0
1V SPAN
2V SPAN
b. Differential Input, 5 V Supplies
COMMON-MODE LEVEL – V
–10
–80
–0.5
0
0.5
1.0
–40
–60
–70
–20
–30
–50
1.5
1V SPAN
2V SPAN
c. Single-Ended Input, 3 V Supplies
COMMON-MODE LEVEL – V
–10
–80
–0.5
2.5
0
0.5
1.0
–40
–60
–70
–20
–30
–50
1.5
2.0
1V SPAN
2V SPAN
d. Single-Ended Input, 5 V Supplies
Figure 29. THD vs. CML Input Span and Power Supply (Analog Input = 1 MHz)
COMMON-MODE PERFORMANCE
Attention to the common-mode point of the analog input volt-
age can improve the performance of the AD9201. Figure 29
illustrates THD as a function of common-mode voltage (center
point of the analog input span) and power supply.
Inspection of the curves will yield the following conclusions:
1. An AD9201 running with AVDD = 5 V is the easiest to
drive.
2. Differential inputs are the most insensitive to common-mode
voltage.
3. An AD9201 powered by AVDD = 3 V and a single ended
input, should have a 1 V span with a common-mode voltage
of 0.75 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com