Electronic Components Datasheet Search
  English  ▼

X  

AD9200KST Datasheet(PDF) 12 Page - Analog Devices

Part # AD9200KST
Description  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices AD9200KST Datasheet HTML 10Page - Analog Devices AD9200KST Datasheet HTML 11Page - Analog Devices AD9200KST Datasheet HTML 12Page - Analog Devices AD9200KST Datasheet HTML 13Page - Analog Devices AD9200KST Datasheet HTML 14Page - Analog Devices AD9200KST Datasheet HTML 15Page - Analog Devices AD9200KST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9200
–12–
REV. E
EXTERNAL REFERENCE OPERATION
Using an external reference may provide more flexibility and
improve drift and accuracy. Figures 21 through 23 show ex-
amples of how to use an external reference with the AD9200.
To use an external reference, the user must disable the internal
reference amplifier by connecting the REFSENSE pin to VDD.
The user then has the option of driving the VREF pin, or driv-
ing the REFTS and REFBS pins.
The AD9200 contains an internal reference buffer (A2), that
simplifies the drive requirements of an external reference. The
external reference must simply be able to drive a 10 k
Ω load.
Figure 21 shows an example of the user driving the top and bottom
references. REFTS is connected to a low impedance 2 V source
and REFBS is connected to a low impedance 1 V source. REFTS
and REFBS may be driven to any voltage within the supply as
long as the difference between them is between 1 V and 2 V.
2V
1V
AVDD
2V
1V
MODE
A2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
REF
SENSE
SHA
Figure 21. External Reference Mode—1 V p-p Input Span
Figure 22 shows an example of an external reference generating
2.5 V at the shorted REFTS and REFBS inputs. In this in-
stance, a REF43 2.5 V reference drives REFTS and REFBS. A
resistive divider generates a 1 V VREF signal that is buffered by
A3. A3 must be able to drive a 10 k
Ω, capacitive load. Choose
this op amp based on noise and accuracy requirements.
3.0V
2.0V
2.5V
AVDD
AIN
REFTS
REFTF
REFBF
REFBS
VREF
REFSENSE
MODE
AD9200
0.1 F
A3
1.5k
1k
10 F
0.1 F
REF43
+5V
0.1 F
0.1 F
10 F
AVDD
1.0 F
0.1 F
AVDD
0.1 F
0.1 F
AVDD/2
Figure 22. External Reference Mode—1 V p-p Input
Span 2.5 VCM
Figure 23a shows an example of the external references driving
the REFTF and REFBF pins that is compatible with the
AD876. REFTS is shorted to REFTF and driven by an external
4 V low impedance source. REFBS is shorted to REFBF and
driven by a 2 V source. The MODE pin is connected to GND
in this configuration.
4V
2V
0.1 F
0.1 F
AVDD
10 F
0.1 F
4V
2V
VIN
REFTS
REFTF
REFBF
REFBS
VREF
REFSENSE
MODE
AD9200
Figure 23a. External Reference—2 V p-p Input Span
6
5
8
7
+5V
C3
0.1 F
C4
0.1 F
REFTS
REFTF
C2
10 F
C6
0.1 F
2
3
6
C5
0.1 F
REFBS
REFBF
4
C1
0.1 F
AD9200
REFT
REFB
Figure 23b. Kelvin Connected Reference Using the AD9200
STANDBY OPERATION
The ADC may be placed into a powered down (sleep) mode by
driving the STBY (standby) pin to logic high potential and
holding the clock at logic low. In this mode the typical power
drain is approximately 4 mW. If there is no connection to the
STBY pin, an internal pull-down circuit will keep the ADC in a
“wake-up” mode of operation.
The ADC will “wake up” in 400 ns (typ) after the standby pulse
goes low.
CLAMP OPERATION
The AD9200ARS and AD9200KST parts feature an optional
clamp circuit for dc restoration of video or ac coupled signals.
Figure 24 shows the internal clamp circuitry and the external
control signals needed for clamp operation. To enable the
clamp, apply a logic high to the CLAMP pin. This will close
the switch SW1. The clamp amplifier will then servo the volt-
age at the AIN pin to be equal to the clamp voltage applied at
the CLAMPIN pin. After the desired clamp level is attained,
SW1 is opened by taking CLAMP back to a logic low. Ignoring
the droop caused by the input bias current, the input capacitor
CIN will hold the dc voltage at AIN constant until the next
clamp interval. The input resistor RIN has a minimum recom-
mended value of 10
Ω, to maintain the closed-loop stability of
the clamp amplifier.
The allowable voltage range that can be applied to CLAMPIN
depends on the operational limits of the internal clamp ampli-
fier. When operating off of 3 volt supplies, the recommended
clamp range is between 0.5 volts and 2.0 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com