Electronic Components Datasheet Search
  English  ▼

X  

AD9200KST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9200KST
Description  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Datasheet(HTML) 3 Page - Analog Devices

  AD9200KST Datasheet HTML 1Page - Analog Devices AD9200KST Datasheet HTML 2Page - Analog Devices AD9200KST Datasheet HTML 3Page - Analog Devices AD9200KST Datasheet HTML 4Page - Analog Devices AD9200KST Datasheet HTML 5Page - Analog Devices AD9200KST Datasheet HTML 6Page - Analog Devices AD9200KST Datasheet HTML 7Page - Analog Devices AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Parameter
Symbol
Min
Typ
Max
Units
Condition
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DIGITAL OUTPUTS
High-Z Leakage
IOZ
–10
+10
µA
Output = GND to VDD
Data Valid Delay
tOD
25
ns
CL = 20 pF
Data Enable Delay
tDEN
25
ns
Data High-Z Delay
tDHZ
13
ns
LOGIC OUTPUT (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.05
V
LOGIC OUTPUT (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.1
V
CLOCKING
Clock Pulsewidth High
tCH
22.5
ns
Clock Pulsewidth Low
tCL
22.5
ns
Pipeline Latency
3
Cycles
CLAMP
2
Clamp Error Voltage
EOC
±20
±40
mV
CLAMPIN = 0.5 V–2.7 V, RIN = 10 Ω
Clamp Pulsewidth
tCPW
2
µsC
IN = 1 µF (Period = 63.5 µs)
NOTES
1See Figures 1a and 1b.
2Available only in AD9200ARS and AD9200KST.
Specifications subject to change without notice.
AD9200
REFTS
REFBS
MODE
AVDD
10k
10k
0.4
VDD
AD9200
REFTS
REFBF
MODE
REFTF
REFBS
4.2k
Figure 1a.
Figure 1b.
AD9200
–3–
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com