Electronic Components Datasheet Search
  English  ▼

X  

AD9203-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9203-EB
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9203-EB Datasheet HTML 3Page - Analog Devices AD9203-EB Datasheet HTML 4Page - Analog Devices AD9203-EB Datasheet HTML 5Page - Analog Devices AD9203-EB Datasheet HTML 6Page - Analog Devices AD9203-EB Datasheet HTML 7Page - Analog Devices AD9203-EB Datasheet HTML 8Page - Analog Devices AD9203-EB Datasheet HTML 9Page - Analog Devices AD9203-EB Datasheet HTML 10Page - Analog Devices AD9203-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REV. 0
AD9203
REV. 0
–7–
(AVDD = +3 V, DRVDD = +3 V, FS = 40 MSPS, 1 V Internal Reference, PWRCON = AVDD, 50% Duty Cycle, unless otherwise noted)
Typical Performance Characteristics–
INPUT FREQUENCY – MHz
61
47
0
120
20
40
60
80
100
59
57
55
51
49
53
2V DIFFERENTIAL INPUT
1V DIFFERENTIAL INPUT
1V SINGLE-ENDED INPUT
2V SINGLE-ENDED INPUT
Figure 2. SNR vs. Input Frequency and Configuration
INPUT FREQUENCY – MHz
45
0
120
20
40
60
80
100
55
50
60
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
40
35
9.0
8.8
8.0
7.1
6.3
5.5
Figure 3. SINAD vs. Input Frequency and Configuration
INPUT FREQUENCY – MHz
–70
0
120
20
40
60
80
100
–75
–0.5dB
–65
–60
–45
–55
–50
–40
–20dB
–6.0dB
Figure 4. THD vs. Input Frequency and Amplitude (Differ-
ential Input VREF = 0.5 V)
INPUT FREQUENCY – MHz
80
45
0
120
20
40
60
80
100
75
70
65
55
50
60
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL
INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
40
35
85
Figure 5. SFDR vs. Input Frequency and Configuration
INPUT FREQUENCY – MHz
–80
–45
0
120
20
40
60
80
100
–75
–70
–65
–55
–50
–60
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL
INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
–30
–40
–35
Figure 6. THD vs. Input Frequency and Configuration
INPUT FREQUENCY – MHz
0
120
20
40
60
80
100
–75
–0.5dB
–65
–45
–55
–35
–20dB
–6.0dB
Figure 7. THD vs. Input Frequency and Amplitude (Differ-
ential Input VREF = 1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com