Electronic Components Datasheet Search
  English  ▼

X  

AD9203-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9203-EB
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9203-EB Datasheet HTML 11Page - Analog Devices AD9203-EB Datasheet HTML 12Page - Analog Devices AD9203-EB Datasheet HTML 13Page - Analog Devices AD9203-EB Datasheet HTML 14Page - Analog Devices AD9203-EB Datasheet HTML 15Page - Analog Devices AD9203-EB Datasheet HTML 16Page - Analog Devices AD9203-EB Datasheet HTML 17Page - Analog Devices AD9203-EB Datasheet HTML 18Page - Analog Devices AD9203-EB Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
REV. 0
AD9203
–16–
ULTRASOUND APPLICATIONS
The AD9203 provides excellent performance in 10-bit ultra-
sound applications. This is demonstrated by its high SNR with
analog input frequencies up to and including Nyquist. The
presence of spurs near the base of a fundamental frequency bin
is demonstrated by Figure 35. Note that the spurs near the noise
floor are more than 80 dB below fIN. This is especially valuable
in Doppler ultrasound applications where low frequency shifts
from the fundamental are important.
AD8138
+3V
AINP
AINN
AD9203
1.5V
+3V
SINGLE-
ENDED
ANALOG
AD604
TGC
AMPLIFIER
ANALOG
INPUT
GAIN
CONTROL
CONDITIONED
TRANSDUCER
SIGNAL
Figure 34. Ultrasound Connection for the AD9203
Figure 34 illustrates the AD604 variable gain amplifier con-
figured for time gain compensation (TGC). The low power
AD9203 is powered from a 3 V supply rail while the high per-
formance AD604 is powered from 5 V supply rails. An AD8138
is used to drive the AD9203. This is implemented due to the
ability of differential drive techniques to cancel common mode
noise and input anomalies.
The 74 mW power consumption gives the 40 MSPS AD9203
an order of magnitude improvement over older generation
components.
FIN
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
4.5E+6
4.7E+6
4.9E+6
5.1E+6
5.3E+6
5.5E+6
FUND
SNR = 59.9dB
THD = –75dB
SFDR = 82dB
Figure 35. SFDR Performance Near the Fundamental
Signal (8192 Point FFT, fIN = 5 MHz, FS = 40 MSPS)
EVALUATION BOARD
The AD9203 evaluation board is shipped wired for 2 V differen-
tial operation. The board should be connected to power and test
equipment as shown in Figure 36. It is easily configured for
single ended and differential operation as well as 1 V and 2 V
spans. Refer to schematic on next page.
DSP
EQUIPMENT
ANTI-
ALIASING
FILTER
SYNTHESIZER
1MHz 1.9V p-p
HP8644
SYNTHESIZER
40MHz 1V p-p
HP8644
DRVDD
GND
+3-5d
AVDD
GND
AVEE
J1
ANALOG
INPUT
J5
EXTERNAL
CLOCK
AD9203
EVALUATION BOARD
OUTPUT
WORD
+–
+3V
–+
+3V
+3V
+–
+3V
+–
Figure 36. Evaluation Board Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com