Electronic Components Datasheet Search
  English  ▼

X  

AD9224 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9224
Description  Complete 12-Bit 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9224 Datasheet HTML 14Page - Analog Devices AD9224 Datasheet HTML 15Page - Analog Devices AD9224 Datasheet HTML 16Page - Analog Devices AD9224 Datasheet HTML 17Page - Analog Devices AD9224 Datasheet HTML 18Page - Analog Devices AD9224 Datasheet HTML 19Page - Analog Devices AD9224 Datasheet HTML 20Page - Analog Devices AD9224 Datasheet HTML 21Page - Analog Devices AD9224 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD9224
–18–
REV. A
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9224 output data is presented in positive true straight
binary for all input ranges. Table IV indicates the output data
formats for various input ranges regardless of the selected input
range. A twos complement output data format can be created
by inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA–VINB
< – VREF
0000 0000 0000
1
VINA–VINB
= – VREF
0000 0000 0000
0
VINA–VINB
= 0
1000 0000 0000
0
VINA–VINB
= + VREF – 1 LSB
1111 1111 1111
0
VINA–VINB
≥ + VREF
1111 1111 1111
1
1111 1111 1111
1111 1111 1111
1111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
0000 0000 0001
0000 0000 0000
0000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 31. Output Data Format
Out of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital out-
put that is updated along with the data output corresponding to
the particular sampled analog input voltage. Hence, OTR has
the same pipeline delay (latency) as the digital data. It is LOW
when the analog input voltage is within the analog input range.
It is HIGH when the analog input voltage exceeds the input
range as shown in Figure 31. OTR will remain HIGH until the
analog input returns within the input range and another conver-
sion is completed. By logical ANDing OTR with the MSB
and its complement, overrange high or underrange low con-
ditions can be detected. Table V is a truth table for the over/
underrange circuit in Figure 32 which uses NAND gates. Sys-
tems requiring programmable gain conditioning of the AD9224
input signal can immediately detect an out-of-range condition,
thus eliminating gain selection iterations. Also, OTR can be
used for digital offset and gain calibration.
Table V. Out-of-Range Truth Table
OTR
MSB
Analog Input Is
0
0
In Range
0
1
In Range
1
0
Underrange
1
1
Overrange
OVER = “1”
UNDER = “1”
MSB
OTR
MSB
Figure 32. Overrange or Underrange Logic
Digital Output Driver Considerations (DRVDD)
The AD9224 output drivers can be configured to interface with
+5 V or 3.3 V logic families by setting DRVDD to +5 V or 3.3 V
respectively. The output drivers are sized to provide sufficient
output current to drive a wide variety of logic families. However,
large drive currents tend to cause glitches on the supplies and
may affect SINAD performance. Applications requiring the
ADC to drive large capacitive loads or large fanout may require
additional decoupling capacitors on DRVDD. In extreme cases,
external buffers or latches may be required.
Clock Input and Considerations
The AD9224 internal timing uses the two edges of the clock
input to generate a variety of internal timing signals. The clock
input must meet or exceed the minimum specified pulse width
high and low (tCH and tCL) specifications for the given A/D as
defined in the Switching Specifications at the beginning of the
data sheet to meet the rated performance specifications. For
example, the clock input to the AD9224 operating at 40 MSPS
may have a duty cycle between 49% to 51% to meet this timing
requirement since the minimum specified tCH and tCL is 12.37 ns.
For low clock rates below 40 MSPS, the duty cycle may deviate
from this range to the extent that both tCH and tCL are satisfied.
High speed high resolution A/Ds are sensitive to the quality of
the clock input. The degradation in SNR at a given full-scale
input frequency (fIN) due only to aperture jitter (tA) can be cal-
culated with the following equation:
SNR = 20 log10 [1/2
π f
IN tA]
In the equation, the rms aperture jitter, tA, represents the root-
sum square of all the jitter sources, which include the clock in-
put, analog input signal, and A/D aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
Clock input should be treated as an analog signal in cases where
aperture jitter may affect the dynamic range of the AD9224.
Power supplies for clock drivers should be separated from the
A/D output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter crystal controlled oscillators make
the best clock sources. If the clock is generated from another
type of source (by gating, dividing or other method), it should
be retimed by the original clock at the last step.
The clock input is referred to the analog supply. Its logic thresh-
old is AVDD/2. If the clock is being generated by 3 V logic, it
will have to be level shifted into 5 V CMOS logic levels. This
can also be accomplished by ac-coupling and level-shifting the
clock signal.
The AD9224 has a very tight clock tolerance at 40 MHz. One
way to minimize the tolerance of a 50% duty cycle clock is to
divide down a clock of higher frequency, as shown in Figure 33.
+5V
R
D
Q
Q
S
+5V
80MHz
40MHz
Figure 33. Divide-by-Two Clock Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com