Electronic Components Datasheet Search
  English  ▼

X  

AD9224 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9224
Description  Complete 12-Bit 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9224 Datasheet HTML 16Page - Analog Devices AD9224 Datasheet HTML 17Page - Analog Devices AD9224 Datasheet HTML 18Page - Analog Devices AD9224 Datasheet HTML 19Page - Analog Devices AD9224 Datasheet HTML 20Page - Analog Devices AD9224 Datasheet HTML 21Page - Analog Devices AD9224 Datasheet HTML 22Page - Analog Devices AD9224 Datasheet HTML 23Page - Analog Devices AD9224 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD9224
–22–
REV. A
2
TP40
1
L6
FBEAD
1
DUTAVDD
C59
0.1 F
1
2
1
2
C58
22 F
20V
+
AGND
DUTAVDDIN
2
P6
1
P6
TP38
1
R34
50
21
J4
2
C47
22 F
20V
C52
0.1 F
AGND
2
P3
1
2
AVDDIN1
TP34
AVDD
L2
FBEAD
1
P3
12
1
1
2
+
U3
AD9224
AVDD2
AVSS2
SENSE
VREF
REFCOM
CAPB
CAPT
CML
VINA
VINB
AVSS1
AVDD1
DRVSS
DRVDD
OTR
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLK
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
C39
0.001 F
1
2
C36
0.1 F
1
2
+
1
2
C22
10 F
10V
JP26
12
JP22
1
2
JP23
2
JP24
2
JP25
2
C35
0.1 F
1
2
1
2
C21
10 F
10V
+
C57
0.1 F
1
2
R3
10k
1
2
R4
10k
1
2
DUTDRVDD
C33
0.1 F 1
2
1
2
C20
10 F
10V
C24
0.1 F
1
2
C32
0.1 F
1
2
C42
15pF
1
2
TP33
1
C40
0.001 F
1
2
C37
0.1 F
1
2
1
2
C1
10 F
10V
+
AVDD
JP27
1
2
DRVDD
C41
0.001 F
1
1
2
C23
10 F
10V
+
C38
0.1 F
1
DUTAUDD
2
TP31
1
JP21
12
1
2
C28
0.1 F
+
IN
+V
N2
OUT
N1
–V
R29
1k
1
2
2
3
1
Q1
2N2222
C27
0.1 F
12
U4
AD187
R30
316
1
2
TP30
IN
7
8
6
1
4
2
3
C31
0.1 F
1
2
2
1
C19
10 F
10V
VEE
1
2
C26
0.1 F
R28
50
12
C29
0.1 F
1
2
1
2
+ C2
10 F
10V
C30
0.1 F
1
2
1
2
C18
10 F
10V
+
VCC
R31
820
1
2
2
6
4
VOUT
VIN
GND
U5
REF43
R25
2.49k
1
2
JP19
12
R26
4.99k
1
2
JP20
12
R27
4.99k
1
2
1
R32
50
2
1
J3
2
TP37
1
P4
VCCIN
12
L3
FBEAD
TP37
1
VCC
1
P4
AGND
1
2
+ C48
22 F
20V
C53
0.1 F
1
2
TP28
R24
50
1
2
1
1
2
3
J1
T1
T4-6T
4
5
6
3
P4
VEEIN
12
L4
FBEAD
TP36
1
VEE
1
2
C49
22 F
20V
C54
0.1 F
1
2
C25
0.1 F
1
2
TP27
1
TP29
1
JP18
1
2
R21
200
1
2
R22
200
1
2
TP32
1
C43
15pF
1
2
C44
15pF
1
2
C45
15pF
1
2
C46
15pF
1
2
1
2
R23
200
1
2
C34
0.1 F
OTR
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLK
1
1
1
1
TP4
56
U8
L7404
TP10
1
2
1 JP13
11
10
U8
L7404
TP1
1
2
1 JP6
13
12
U8
L7404
TP2
1
2
1 JP7
1
2
U8
L7404
TP3
1
2
1 JP8
1
2
JP17
3
R1
50
1
2
+
1
2
+ 1
2
AB
12
JP28
2
P1
4
P1
6
P1
8
P1
10
P1
12
P1
14
P1
16
P1
18
P1
20
P1
22
P1
24
P1
26
P1
28
P1
30
P1
32
P1
34
P1
36
P1
38
40
1P1
3P1
5P1
7P1
9P1
11
P1
13 P1
15 P1
17 P1
19 P1
21 P1
23 P1
25 P1
27 P1
29 P1
31 P1
33
P1
35 P1
37 P1
39
P1
P1
P1
TP24
1
TP25
1
TP23
1
TP22
1
TP21
1
TP20
1
TP19
1
TP26
1
TP18
1
TP17
1
TP16
1
TP15
1
TP14
1
TP11
1
TP13
1
TP12
1
1
1
1
1
1
1
1
1
1
1
1
1
1
12
2
2
2
2
2
2
2
2
2
2
2
2
2
R15 22
R14 22
R13 22
R12 22
R11 22
R10 22
R9 22
R8 22
R7 22
R6 22
R5 22
R17 22
R20
22
R16
22
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
CLR
CLK
A
B
C
D
ENP
GND
U2
74LS161
12
JP29
12
JP30
1
2
JP31
+
1
2
1
2
C7
10 F
10V
C15
0.1 F
DVDD
U9
DECOUPLING
JP10
12
11
U9
10
1
TP6
L7404
JP11
12
9
U9
8
1
TP7
L7404
JP12
12
5
U9
6
1
TP8
L7404
+
1
2
1
P5
2
P5
DRVDDIN
L5
FBEAD
12
DRVDD
1
2
DGND
C51
22 F
20V
C56
0.1 F
R35
50
2
1
TP39
1
1
2
J5
U1
REF43
1
2
C55
0.1 F
+
1
2
C50
10 F
10V
DVDD
AVDD
1
2
C10
0.1 F
U8
DECOUPLING
+
1
2
C3
10 F
10V
+
TP5
1
1
2
JP32
3
1
2
JP16
3
A
B
1
2
JP15
3
A
B
+
+
1
P2
2
P2
AVDD
1
2
1
2
C8
10 F
10V
C16
0.1 F
C9
10 F
10V
C17
0.1 F
R19
4k
2
1
R2
5k
1
3
2
CCV
CW
R18
1k
2
1
C13
0.1 F
2
1
U8
3
4
L7404
CLK
J2
1
2
1
JP14
U9
1
2
L7404
U9
34
L7404
1
TP9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
1
19
20
10
R33
1k
2
1
DVDD
D4
D3
D2
D1
D0
OTR
2
1
JP3
2
1 JP2
2
1
C5
10V 10 F
C11
0.1 F
1
2
D10
D9
D8
D7
D6
D5
2
1 JP1
2
1
JP5
2
1
JP4
1
2
C14
0.1 F
1
2
2
1
C4
10V 10 F
C12
0.1 F
12
DVDD
C6
22 F
20V
L1
FBEAD
1
2
DVDDIN
DGND
13
U9
12
L7404
D11
DUTAVDD
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
A1
A2
A3
A4
A5
A6
A7
A8
VCC
GND
G1
G2
U7
74541
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
1
19
20
10
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
A1
A2
A3
A4
A5
A6
A7
A8
VCC
GND
G1
G2
U6
74541
VIN
GND
VOUT
2
B
A
98
U8
L7404
2
1
JP9
2
Figure 44. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com